Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C4821-35AI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C4821-35AI
Description  256/512/1K/2K/4K/8K x9 x2 Double Sync FIFOs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4821-35AI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C4821-35AI Datasheet HTML 4Page - Cypress Semiconductor CY7C4821-35AI Datasheet HTML 5Page - Cypress Semiconductor CY7C4821-35AI Datasheet HTML 6Page - Cypress Semiconductor CY7C4821-35AI Datasheet HTML 7Page - Cypress Semiconductor CY7C4821-35AI Datasheet HTML 8Page - Cypress Semiconductor CY7C4821-35AI Datasheet HTML 9Page - Cypress Semiconductor CY7C4821-35AI Datasheet HTML 10Page - Cypress Semiconductor CY7C4821-35AI Datasheet HTML 11Page - Cypress Semiconductor CY7C4821-35AI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
CY7C4801/4811/4821
CY7C4831/4841/4851
Document #: 38-06005 Rev. **
Page 8 of 23
Notes:
12. The clocks (RCLKA,RCLKB, WCLKA,WCLKB) can be free-running during reset.
13. After reset, the outputs will be LOW if (OEA,OEB) = 0 and three-state if (OEA,OEB)=1.
14. Holding (WENA2/LDA,WENB2/LDB) HIGH during reset will make the pin act as a second enable pin. Holding(WENA2/LDA,WENB2/LDB) LOW during reset will make the
pin act as a load enable for the programmable flag offset registers.
Switching Waveforms (continued)
Reset Timing
tRS
tRSR
QA0−QA8
RSA(RSB)
tRSF
tRSF
tRSF
OEA(OEB)=1
OEA(OEB)=0
RENA1, RENA2
(RENB1,RENB2)
EFA, PAEA
FFA, PAFA
48X1–8
tRSS
tRSR
tRSS
tRSR
tRSS
WENA2/LDA
WENA1
(WENB1)
(WENB2/LDB)
(EFB, PAEB)
(FFB, PAFB)
(QB0−QB8)
[12]
[13]
[14]


Similar Part No. - CY7C4821-35AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4821-35AI CYPRESS-CY7C4821-35AI Datasheet
292Kb / 23P
   256/512/1K/2K/4K/8K x9 x2 Double Sync FIFOs
More results

Similar Description - CY7C4821-35AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4801 CYPRESS-CY7C4801_02 Datasheet
292Kb / 23P
   256/512/1K/2K/4K/8K x9 x2 Double Sync FIFOs
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com