Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C4831-10AI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C4831-10AI
Description  256/512/1K/2K/4K/8K x9 x2 Double Sync FIFOs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4831-10AI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C4831-10AI Datasheet HTML 1Page - Cypress Semiconductor CY7C4831-10AI Datasheet HTML 2Page - Cypress Semiconductor CY7C4831-10AI Datasheet HTML 3Page - Cypress Semiconductor CY7C4831-10AI Datasheet HTML 4Page - Cypress Semiconductor CY7C4831-10AI Datasheet HTML 5Page - Cypress Semiconductor CY7C4831-10AI Datasheet HTML 6Page - Cypress Semiconductor CY7C4831-10AI Datasheet HTML 7Page - Cypress Semiconductor CY7C4831-10AI Datasheet HTML 8Page - Cypress Semiconductor CY7C4831-10AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
CY7C4801/4811/4821
CY7C4831/4841/4851
Document #: 38-06005 Rev. **
Page 5 of 23
Electrical Characteristics Over the Operating Range[2]
7C48X1-10
7C48X1-15
7C48X1-25
7C48X1-35
Parameter
Description
Test Conditions
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min.,
IOH = −2.0 mA
2.4
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min.,
IOL = 8.0 mA
0.4
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.0
VCC
2.0
VCC
2.0
VCC
2.0
VCC
V
VIL
Input LOW Voltage
−0.5
0.8
−0.5
0.8
−0.5
0.8
−0.5
0.8
V
IIX
Input Leakage
Current
VCC = Max.
−10
+10
−10
+10
−10
+10
−10
+10
µA
IOS
[3]
Output Short
Circuit Current
VCC = Max.,
VOUT = GND
−90
−90
−90
−90
mA
IOZL
IOZH
Output OFF,
High Z Current
OE > VIH,
VSS < VO < VCC
−10
+10
−10
+10
−10
+10
−10
+10
µA
ICC1
[4]
Active Power Supply
Current
Com’l
60
60
60
60
mA
Ind
70
70
70
70
mA
Capacitance[5]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
10
pF
COUT
Output Capacitance
10
pF
AC Test Loads and Waveforms[6, 7]
Notes:
2.
See the last page of this specification for Group A subgroup testing information.
3.
Test no more than one output at a time for not more than one second.
4.
Outputs open. Tested at Frequency = 20 MHz.
5.
Tested initially and after any design or process changes that may affect these parameters.
6.
CL = 30 pF for all AC parameters except for tOHZ.
7.
CL = 5 pF for tOHZ.
3.0V
5V
OUTPUT
R1 1.1K
R2
680
CL
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
≤ 3ns
≤ 3 ns
OUTPUT
1.91V
Equivalent to:
THÉVENIN EQUIVALENT
48X1–4
420
ALL INPUT PULSES
48X1–5


Similar Part No. - CY7C4831-10AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4831-10AI CYPRESS-CY7C4831-10AI Datasheet
292Kb / 23P
   256/512/1K/2K/4K/8K x9 x2 Double Sync FIFOs
More results

Similar Description - CY7C4831-10AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4801 CYPRESS-CY7C4801_02 Datasheet
292Kb / 23P
   256/512/1K/2K/4K/8K x9 x2 Double Sync FIFOs
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com