Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC60SA3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DC60SA3
Description  3-7Amp 60 Vdc DC Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DC60SA3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DC60SA3 Datasheet HTML 1Page - List of Unclassifed Manufacturers DC60SA3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL NUMBERS
D C C ON T R O L
AC CONTROL
DC60S3DC60S5DC60S7DC60SA3
DC60SA5
DC60SA7
OUTPUT SPECIFICATIONS
Operating Voltage Range [Vdc]
3-60
3-60
3-60
3-60
3-60
3-60
Load Current Range[Adc]
.02-3
.02-5
.02-7
.02-3
.02-5
.02-7
Max. Surge Current, (1 sec) [Adc]
610
14
6
10
14
Max. On-State Voltage Drop @ Rated Current [Vdc]
1.3
1.5
1.7
1.3
1.5
1.7
Thermal Resistance Junction to Case (R¯JC ) [ûC/W]
2.2
2.2
2.2
2.2
2.2
2.2
Max. Off-State Leakage Current @ Rated Voltage [mA]
0.1
0.1
0.1
0.1
0.1
0.1
Max. Turn-On Time [msec]
0.1
0.1
0.1
10
10
10
Max. Turn-Off Time [msec]
0.3
0.3
0.3
40
40
40
INPUT SPECIFICATIONS
DC CONTROL
AC CONTROL
Control Voltage Range
3.5-32 Vdc
90-280 Vrms
Max. Turn-On Voltage
3.5 Vdc
90 Vrms
Min. Turn-Off Voltage
1.0 Vdc
10 Vrms
Nominal Input Impedence
1500 Ohms
60K Ohms
Typical Input Current
2.2mA @ 5 Vdc
2mA @ 120 Vrms, 4mA @ 240 Vrms
G E N E R A L NO T ES
All parameters at 25˚C unless otherwise specified.
Heat sinking required, for derating curves see page 2.
• Cost Effective
• Industry Standard Package
• AC or DC Control
• Panel M ount
FastFax Document No. 163
SERIES DC60.
Rev. 021202
PAGE 1 OF 2
Bipolar transistor outputs are available
in 3, 5 and 7 amp ratings. Cost-effec-
tive relays offer 4000 Volt isolation and
come in Crydom's standard panel-
mount package.
Manufactured in Crydom's ISO 9001
Certified facility for optimum product
performance and reliability.
Series DC60
3-7Amp • 60 Vdc • DC Output
©2002 CRYDOM CORP, Specifications subject to change without notice.
For recommended applications and more information contact:
USA: Sales Support (877) 502-5500 Tech Support (877) 702-7700 FAX (619) 710-8540
Crydom Corp, 2320 Paseo de las Americas, Ste. 201, San Diego, CA 92154
Email: sales@crydom.com WEB SITE: http://www.crydom.com
UK: +44 (0)1202 365070 • FAX +44 (0)1202 365090 Crydom International Ltd., 7 Cobham
Road, Ferndown Industrial Estate, Ferndown, Dorset BH21 7PE, Email: intsales@crydom.com.
GERMANY: +49 (0)180 3000 506


Similar Part No. - DC60SA3

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DC60SA3 CRYDOM-DC60SA3 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
DC60SA3 CRYDOM-DC60SA3 Datasheet
617Kb / 5P
   panel mount
logo
Sensata Technologies, I...
DC60SA3 SENSATA-DC60SA3 Datasheet
749Kb / 7P
   PANEL MOUNT
More results

Similar Description - DC60SA3

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-D4T03X BEL-0RCY-D4T03X Datasheet
920Kb / 18P
   40-60 VDC Input / 3.3 VDC @ 60 A Output
logo
List of Unclassifed Man...
CMX60D5 ETC1-CMX60D5 Datasheet
31Kb / 1P
   3-10 Amp 0-60, 0-100 Vdc, 0-200Vdc DC Output SIP
DO061A ETC1-DO061A Datasheet
24Kb / 1P
   1-3.0 Amp 60 Vdc DC Output MINI-SIP
logo
Crydom Inc.,
MS11-CMX CRYDOM-MS11-CMX Datasheet
218Kb / 6P
   3 -10 Amp 0-200 Vdc DC Output
logo
Bel Fuse Inc.
XRAH-03F1A0 BEL-XRAH-03F1A0 Datasheet
240Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0 Vdc - 5.5 Vdc Input 0.9 Vdc - 3.3 Vdc/3 A Output
VRP3-60E1A0 BEL-VRP3-60E1A0_10 Datasheet
742Kb / 11P
   5 Vdc - 13.8 Vdc Input 0.6 Vdc - 5.0 Vdc/60 A Output
logo
C&D Technologies
SS26 CANDD-SS26 Datasheet
238Kb / 4P
   5 VDC INPUT, 3.3 VDC OUTPUT DC/DC CONVERTER
logo
Murata Power Solutions ...
SS25-A-A-A MURATA-PS-SS25-A-A-A Datasheet
190Kb / 4P
   5 Vdc Input, 3.3 Vdc Output DC/DC Converter
logo
Bel Fuse Inc.
0RQ1-E0S12 BEL-0RQ1-E0S12 Datasheet
1Mb / 17P
   40-60 VDC Input 12 VDC @ 66.8 A Output
0RQP-X5M12 BEL-0RQP-X5M12 Datasheet
987Kb / 31P
   48 ??60 VDC Input 12 VDC, 125 A Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com