Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1077LU-50 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1077LU-50
Description  3V EconOscillator/Divider
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1077LU-50 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1077LU-50 Datasheet HTML 5Page - Dallas Semiconductor DS1077LU-50 Datasheet HTML 6Page - Dallas Semiconductor DS1077LU-50 Datasheet HTML 7Page - Dallas Semiconductor DS1077LU-50 Datasheet HTML 8Page - Dallas Semiconductor DS1077LU-50 Datasheet HTML 9Page - Dallas Semiconductor DS1077LU-50 Datasheet HTML 10Page - Dallas Semiconductor DS1077LU-50 Datasheet HTML 11Page - Dallas Semiconductor DS1077LU-50 Datasheet HTML 12Page - Dallas Semiconductor DS1077LU-50 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DS1077L
9 of 20
Figure 2 details how data transfer is accomplished on the 2-wire bus. Depending upon the state of the
R/W bit, two types of data transfer are possible:
1) Data transfer from a master transmitter to a slave receiver. The first byte transmitted by the
master is the slave address. Next, follows a number of data bytes. The slave returns an acknowledge
bit after each received byte.
2) Data transfer from a slave transmitter to a master receiver. The first byte (the slave address) is
transmitted by the master. The slave then returns an acknowledge bit. Next, follows a number of data
bytes transmitted by the slave to the master. The master returns an acknowledge bit after all received
bytes other than the last byte. At the end of the last received byte, a ‘not acknowledge’ is returned.
The master device generates all of the serial clock pulses and the START and STOP conditions. A
transfer is ended with a STOP condition or with a repeated START condition. Since a repeated START
condition is also the beginning of the next serial transfer, the bus will not be released.
The DS1077L can operate in the following two modes:
1) Slave receiver mode: Serial data and clock are received through SDA and SCL. After each byte is
received, an acknowledge bit is transmitted. START and STOP conditions are recognized as the
beginning and end of a serial transfer. Address recognition is performed by hardware after reception
of the slave address and direction bit.
2) Slave transmitter mode: The first byte is received and handled as in the slave receiver mode.
However, in this mode, the direction bit will indicate that the transfer direction is reversed. Serial data
is transmitted on SDA by the DS1077L while the serial clock is input on SCL. START and STOP
conditions are recognized as the beginning and end of a serial transfer.
SLAVE ADDRESS
A control byte is the first byte received following the START condition from the master device. The
control byte consists of a four-bit control code; for the DS1077L, this is set as 1011 binary for read and
write operations. The next three bits of the control byte are the device select bits (A2, A1, and A0) and
can be written to the EEPROM. They are used by the master device to select which of eight devices are to
be accessed. The select bits are in effect the three least significant bits of the slave address. The last bit of
the control byte (R/ W ) defines the operation to be performed. When set to a one a read operation is
selected, and when set to a zero a write operation is selected. Following the START condition, the
DS1077L monitors the SDA bus checking the device type identifier being transmitted. Upon receiving the
1011 code (changeable with one mask) and appropriate device select bits, the slave device outputs an
acknowledge signal on the SDA line.


Similar Part No. - DS1077LU-50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1077L MAXIM-DS1077L Datasheet
295Kb / 21P
   3V EconOscillator/Divider
011006
More results

Similar Description - DS1077LU-50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1077L MAXIM-DS1077L Datasheet
295Kb / 21P
   3V EconOscillator/Divider
011006
DS1073 MAXIM-DS1073 Datasheet
266Kb / 18P
   3V EconOscillator/Divider
090503
logo
Dallas Semiconductor
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
   EconOscillator/Divider
logo
Maxim Integrated Produc...
DS1077 MAXIM-DS1077 Datasheet
315Kb / 21P
   EconOscillator/Divider
011006
logo
Dallas Semiconductor
DS1065 DALLAS-DS1065 Datasheet
184Kb / 10P
   EconOscillator/Divider
DS1077 DALLAS-DS1077 Datasheet
286Kb / 21P
   EconOscillator/Divider
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
   EconOscillator/Divider
DS1073 DALLAS-DS1073 Datasheet
187Kb / 13P
   EconOscillator/Divider
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
   EconOscillator Frequency Synthesizer
logo
Maxim Integrated Produc...
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com