Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1077LZ-66 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1077LZ-66
Description  3V EconOscillator/Divider
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1077LZ-66 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1077LZ-66 Datasheet HTML 4Page - Dallas Semiconductor DS1077LZ-66 Datasheet HTML 5Page - Dallas Semiconductor DS1077LZ-66 Datasheet HTML 6Page - Dallas Semiconductor DS1077LZ-66 Datasheet HTML 7Page - Dallas Semiconductor DS1077LZ-66 Datasheet HTML 8Page - Dallas Semiconductor DS1077LZ-66 Datasheet HTML 9Page - Dallas Semiconductor DS1077LZ-66 Datasheet HTML 10Page - Dallas Semiconductor DS1077LZ-66 Datasheet HTML 11Page - Dallas Semiconductor DS1077LZ-66 Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DS1077L
8 of 20
Accordingly, the following bus conditions have been defined:
Bus not busy: Both data and clock lines remain high.
Start data transfer: A change in the state of the data line from high to low while the clock is high
defines a START condition.
Stop data transfer: A change in the state of the data line from low to high while the clock line is high
defines the STOP condition.
Data valid: The state of the data line represents valid data when, after a START condition, the data line is
stable for the duration of the HIGH period of the clock signal. The data on the line must be changed
during the LOW period of the clock signal. There is one clock pulse per bit of data.
Each data transfer is initiated with a START condition and terminated with a STOP condition. The
number of data bytes transferred between START and STOP conditions is not limited, and is determined
by the master device. The information is transferred byte-wise and each receiver acknowledges with a
ninth bit.
Within the bus specifications, a regular mode (100kHz clock rate) and a fast mode (400kHz clock rate)
are defined. The DS1077L works in both modes.
Acknowledge: Each receiving device, when addressed, is obliged to generate an acknowledge after the
reception of each byte. The master device must generate an extra clock pulse which is associated with this
acknowledge bit.
A device that acknowledges must pull down the SDA line during the acknowledge clock pulse in such a
way that the SDA line is stable low during the high period of the acknowledge-related clock pulse. Of
course, setup and hold times must be taken into account. When the DS1077L EEPROM is being written
to, it will not be able to perform additional responses. In this case, the slave DS1077L will send a ‘not
acknowledge’ to any data transfer request made by the master. It will resume normal operation when the
EEPROM operation is complete.
A master must signal an end-of-data to the slave by not generating an acknowledge bit on the last byte
that has been clocked out of the slave. In this case, the slave must leave the data line high to enable the
master to generate the STOP condition.
DATA TRANSFER ON 2-WIRE SERIAL BUS Figure 2
MSB
slave address
R/W
direction
bit
SDA
SCL
START
CONDITION
12
678
9
12
8
9
STOP CONDITION
OR
REPEATED
START CONDITION
3 - 8
acknowledgement
signal from receiver
acknowledgement
signal from receiver
ACK
ACK
repeated if more bytes
are transferred


Similar Part No. - DS1077LZ-66

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1077L MAXIM-DS1077L Datasheet
295Kb / 21P
   3V EconOscillator/Divider
011006
More results

Similar Description - DS1077LZ-66

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1077L MAXIM-DS1077L Datasheet
295Kb / 21P
   3V EconOscillator/Divider
011006
DS1073 MAXIM-DS1073 Datasheet
266Kb / 18P
   3V EconOscillator/Divider
090503
logo
Dallas Semiconductor
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
   EconOscillator/Divider
logo
Maxim Integrated Produc...
DS1077 MAXIM-DS1077 Datasheet
315Kb / 21P
   EconOscillator/Divider
011006
logo
Dallas Semiconductor
DS1065 DALLAS-DS1065 Datasheet
184Kb / 10P
   EconOscillator/Divider
DS1077 DALLAS-DS1077 Datasheet
286Kb / 21P
   EconOscillator/Divider
DS1075 DALLAS-DS1075 Datasheet
251Kb / 18P
   EconOscillator/Divider
DS1073 DALLAS-DS1073 Datasheet
187Kb / 13P
   EconOscillator/Divider
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
   EconOscillator Frequency Synthesizer
logo
Maxim Integrated Produc...
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com