Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACH16373DL Datasheet(PDF) 4 Page - NXP Semiconductors

Part # ACH16373DL
Description  2.5V/3.3V 16-bit D-type transparent latch 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ACH16373DL Datasheet(HTML) 4 Page - NXP Semiconductors

  ACH16373DL Datasheet HTML 1Page - NXP Semiconductors ACH16373DL Datasheet HTML 2Page - NXP Semiconductors ACH16373DL Datasheet HTML 3Page - NXP Semiconductors ACH16373DL Datasheet HTML 4Page - NXP Semiconductors ACH16373DL Datasheet HTML 5Page - NXP Semiconductors ACH16373DL Datasheet HTML 6Page - NXP Semiconductors ACH16373DL Datasheet HTML 7Page - NXP Semiconductors ACH16373DL Datasheet HTML 8Page - NXP Semiconductors ACH16373DL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
74ALVCH16373
16-bit D-type transparent latch (3-State)
1999 Sep 20
4
LOGIC SYMBOL (IEEE/IEC)
SW00524
48
1EN
1
46
44
43
41
40
38
37
36
C3
C4
2EN
2
4D
1
25
24
47
35
33
32
30
29
27
26
3
2
5
6
8
9
11
12
13
14
16
17
19
20
22
23
1OE
1LE
1D0
1D1
1D2
1D3
1D4
1D5
1D6
2D0
2D1
2D2
2D3
2D4
2D5
2D6
2D7
1Q0
1Q1
1Q2
1Q3
1Q4
1Q5
1Q6
1Q7
2Q0
2Q1
2Q2
2Q3
2Q4
2Q7
1D7
2Q5
2Q6
3D
2OE
2LE
BUS HOLD CIRCUIT
To internal circuit
VCC
Data Input
SW00044
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCC
DC supply voltage 2.5V range (for max. speed
performance @ 30 pF output load)
2.3
2.7
V
VCC
DC supply voltage 3.3V range (for max. speed
performance @ 50 pF output load)
3.0
3.6
V
V
DC Input voltage range
For data input pins
0
VCC
V
VI
DC Input voltage range
For control pins
0
5.5
V
VO
DC output voltage range
0
VCC
V
Tamb
Operating free-air temperature range
–40
+85
°C
tr, tf
Input rise and fall times
VCC = 2.3 to 3.0V
VCC = 3.0 to 3.6V
0
0
20
10
ns/V


Similar Part No. - ACH16373DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ACH16374DGG PHILIPS-ACH16374DGG Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1998 Jun 18
ACH16374DL PHILIPS-ACH16374DL Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1998 Jun 18
More results

Similar Description - ACH16373DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16373_3 PHILIPS-74ALVT16373_3_15 Datasheet
116Kb / 12P
   2.5V/3.3V 16-bit transparent D-type latch (3-State)
1999 Oct 18
74ALVT16373 PHILIPS-74ALVT16373 Datasheet
99Kb / 12P
   2.5V/3.3V 16-bit transparent D-type latch 3-State
1999 Oct 18
74LVT16373A PHILIPS-74LVT16373A Datasheet
86Kb / 10P
   3.3V LVT 16-bit transparent D-type latch 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74ALVT16373 NEXPERIA-74ALVT16373 Datasheet
243Kb / 14P
   16-bit transparent D-type latch; 3-state
Rev. 5 - 14 July 2021
logo
NXP Semiconductors
74LVT573 PHILIPS-74LVT573 Datasheet
99Kb / 12P
   3.3V Octal D-type transparent latch 3-State
1998 Feb 19
logo
Integrated Device Techn...
IDT74LVC16373A IDT-IDT74LVC16373A_15 Datasheet
106Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
IDT74LVCH162373A IDT-IDT74LVCH162373A Datasheet
223Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com