Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS8881N Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8881N
Description  Vacuum Fluorescent Display Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8881N Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS8881N Datasheet HTML 1Page - National Semiconductor (TI) DS8881N Datasheet HTML 2Page - National Semiconductor (TI) DS8881N Datasheet HTML 3Page - National Semiconductor (TI) DS8881N Datasheet HTML 4Page - National Semiconductor (TI) DS8881N Datasheet HTML 5Page - National Semiconductor (TI) DS8881N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5846
May 1988
DS8881 Vacuum Fluorescent Display Driver
General Description
The DS8881 vacuum fluorescent display driver will drive
16-digit grids of a vacuum fluorescent display The decode
inputs select one of the sixteen outputs to be pulled high
The device contains an oscillator for supplying clock signals
to the MOS circuit the filament bias zener and 50 kX pull-
down resistors for each grid Outputs will source up to 7 mA
The DS8881 is designed for 9V operation If the enable in-
put is pulled low all outputs are disabled
Features
Y
Oscillator frequency accuracy and stability allows maxi-
mum system speed
Y
Interdigit blanking with the enable input provides ghost-
free display operation
Y
50 kX pull-down resistors for each grid
Y
7V filament bias zener
Connection Diagram
TLF5846 – 1
Top View
Order Number DS8881N
See NS Package Number N28B
Truth Table All outputs now shown high are off (low)
Inputs
Digit Outputs
EN
D
C
B
A
0123456789
10
11
12
13
14
15
H
LLLL
H
H
LLL
H
H
H
L
LHL
H
HL
L
H
H
H
H
LHL
L
H
H
LHLH
H
HL
H
H
L
H
H
L
HHH
H
H
H
LLL
H
HH
L
L
H
H
H
HLHL
H
H
HLH
H
H
HH
H
L
L
H
H
H
HLH
H
H
HHH
L
H
H
HHHH
H
L
XXXX
L
LLLLLLLLL
L
L
L
L
L
L
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DS8881N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS8880 TI1-DS8880 Datasheet
385Kb / 8P
[Old version datasheet]   High Voltage 7-Segment Decoder/Driver
logo
National Semiconductor ...
DS8880J NSC-DS8880J Datasheet
139Kb / 6P
   High Voltage 7-Segment Decoder/Driver
logo
Texas Instruments
DS8880J TI1-DS8880J Datasheet
385Kb / 8P
[Old version datasheet]   High Voltage 7-Segment Decoder/Driver
logo
National Semiconductor ...
DS8880N NSC-DS8880N Datasheet
139Kb / 6P
   High Voltage 7-Segment Decoder/Driver
logo
Texas Instruments
DS8880N TI1-DS8880N Datasheet
385Kb / 8P
[Old version datasheet]   High Voltage 7-Segment Decoder/Driver
More results

Similar Description - DS8881N

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6118 ALLEGRO-6118 Datasheet
135Kb / 8P
   VACUUM FLUORESCENT DISPLAY DRIVER
logo
STMicroelectronics
STV7710 STMICROELECTRONICS-STV7710 Datasheet
121Kb / 19P
   Vacuum Fluorescent Display (VFD) Driver
logo
ON Semiconductor
CS1089 ONSEMI-CS1089 Datasheet
97Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
National Semiconductor ...
LM9022 NSC-LM9022 Datasheet
262Kb / 7P
   Vacuum Fluorescent Display Filament Driver
logo
ON Semiconductor
CS1087 ONSEMI-CS1087 Datasheet
115Kb / 12P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 11
CS1088 ONSEMI-CS1088 Datasheet
71Kb / 8P
   Vacuum Fluorescent Display Tube Driver
August, 2001 ??Rev. 9
logo
National Semiconductor ...
LM9022 NSC-LM9022_05 Datasheet
654Kb / 7P
   Vacuum Fluorescent Display Filament Driver
logo
Supertex, Inc
HV518 SUTEX-HV518_07 Datasheet
772Kb / 8P
   32-Channel Vacuum-Fluorescent Display Driver
logo
LAPIS Semiconductor Co....
ML9289 LAPIS-ML9289 Datasheet
298Kb / 31P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9289-01 ETC2-ML9289-01 Datasheet
471Kb / 31P
   Vacuum fluorescent display tube controller driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com