Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DT0703 Datasheet(PDF) 1 Page - Tyco Electronics

Part # DT0703
Description  Shielded, High Current
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DT0703 Datasheet(HTML) 1 Page - Tyco Electronics

  DT0703 Datasheet HTML 1Page - Tyco Electronics DT0703 Datasheet HTML 2Page - Tyco Electronics DT0703 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series Number
3003 9th Avenue SW
PO Box 50
DT0703
Watertown, SD 57201
DT1351
Toll free: 888-978-2638
Ph: 605-886-3326
Fax: 605-886-8995
Number
L
W
H
Y
Z
A
B
C
0.260"
0.177"
0.115"
0.190"
0.050"
0.111"
0.041"
0.179"
[ 6.60 ]
[ 4.50 ]
[ 2.92 ]
[ 4.83 ]
[ 1.27 ]
[ 2.82 ]
[ 1.03 ]
[ 4.55 ]
0.510"
0.398"
0.201"
0.300"
0.100"
0.110"
0.115"
0.290"
[ 12.95 ]
[ 10.10 ]
[ 5.10 ]
[ 7.62 ]
[ 2.54 ]
[ 2.79 ]
[ 2.92 ]
[ 7.37 ]
L
1
Suffix
DCR
2
IAVE
3
Storage
Tolerance
DCR
2
IAVE
3
Storage
Tolerance
Dot Code
µH
Codes
A
µJ
Suffix
4
A
µJ
Suffix
4
1st 2nd 3rd
1.0
1R0
0.045
2.00
1.80
M
0.025
5.00
9.00
M
BRN BLK RED
1.5
1R5
0.050
1.90
1.80
M
0.030
5.00
12.00
M
BRN GRN RED
2.2
2R2
0.060
1.50
1.80
M
0.035
5.00
15.00
M
RED RED RED
3.3
3R3
0.070
1.20
1.40
M
0.040
5.00
16.00
M
ORG ORG RED
4.7
4R7
0.080
1.20
1.60
M
0.045
3.00
10.00
M
YEL VIO RED
6.8
6R8
0.085
1.00
1.90
M
0.050
2.50
14.00
M
BLU GRY RED
10
100
0.095
0.70
1.20
M
0.055
2.00
11.00
M
BRN BLK ORG
15
150
0.135
0.60
1.10
M
0.060
1.80
12.00
M
BRN GRN ORG
22
220
0.160
0.50
1.20
M
0.084
1.50
11.00
M
RED RED ORG
33
330
0.275
0.45
1.50
M
0.090
1.30
13.00
M
ORG ORG ORG
47
470
0.420
0.34
1.30
M
0.110
1.00
13.00
M
YEL VIO ORG
68
680
0.575
0.29
1.40
M
0.150
0.90
17.00
M
BLU GRY ORG
100
101
1.100
0.24
1.50
M
0.290
0.80
15.00
M
BRN BLK YEL
150
151
1.400
0.20
1.40
M
0.360
0.60
15.00
M
BRN GRN YEL
220
221
2.250
0.17
1.60
M
0.390
0.50
10.00
M
RED RED YEL
330
331
3.500
0.16
1.40
M
0.730
0.40
13.00
M
ORG ORG YEL
470
471
4.100
0.14
1.50
M
0.880
0.35
13.00
M
YEL VIO YEL
680
681
7.200
0.12
1.40
M
1.150
0.30
13.00
M
BLU GRY YEL
1000
102
8.500
0.08
1.40
M
1.450
0.25
13.00
M
BRN BLK GRN
1) Tested at 100kHz, 100mVrms @20°C.
2) DCRs (DC resistances) are maximums @20°C.
3) Average maximum allowable current. Spikes as high as 2X the current rating.
4) Tolerance of M = ±20%.
Call Toll Free: 888-978-2638 Website: www.coev.net
Significant Digit
DT0703
DT1351
Shielded, High Current, Inductors Smart Part Numbers: ( Series Number ) - ( Suffix Code )(Tolerance), example DT6630-100M
Bulk Packaging add (-B) to end of Part Numbering Sequence. example DT6630-100M-B
DT0703
DT1351
Series
Maximum Dimensions
Reference Dimensions
B
A
C
B
Suggested Land Pattern
Features:
High energy storage and low resistance.
Ideal for DC-DC buck or boost conversion.
Reliable surface mounting.
Low temperature rise over inductance range.
H
Y
W
L
Z
1st significant digit
3rd significant digit
2nd significant digit
Parts will be marked with Significant Digit Dots OR Suffix code
Specifications subject to change without notice


Similar Part No. - DT0703

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DT014 DIODES-DT014 Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11602 Rev.C-4
DT014L DIODES-DT014L Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11603 Rev. C-4
logo
List of Unclassifed Man...
DT018ATFT ETC2-DT018ATFT Datasheet
945Kb / 13P
   LCD Module Product Specification
logo
Toshiba Semiconductor
DT01ABA050V TOSHIBA-DT01ABA050V Datasheet
594Kb / 2P
   VIDEO STREAM HDD
DT01ABA100V TOSHIBA-DT01ABA100V Datasheet
594Kb / 2P
   VIDEO STREAM HDD
More results

Similar Description - DT0703

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-4118-XXX ABRACON-ASPI-4118-XXX Datasheet
70Kb / 1P
   HIGH CURRENT SHIELDED INDUCTOR
ASPI-5123-XXX ABRACON-ASPI-5123-XXX Datasheet
73Kb / 1P
   HIGH CURRENT SHIELDED INDUCTOR
ASPI-6P-XXX ABRACON-ASPI-6P-XXX Datasheet
180Kb / 1P
   HIGH CURRENT SHIELDED INDUCTOR
ASPI-4122 ABRACON-ASPI-4122 Datasheet
73Kb / 1P
   HIGH CURRENT SHIELDED INDUCTOR
ASPI-1367-XXX ABRACON-ASPI-1367-XXX Datasheet
79Kb / 1P
   HIGH CURRENT SHIELDED INDUCTOR
ASPI-7318 ABRACON-ASPI-7318 Datasheet
67Kb / 1P
   HIGH CURRENT SHIELDED INDUCTOR
logo
Allied Components Inter...
PCHC63R8-R10M-RC ALLIED-PCHC63R8-R10M-RC Datasheet
354Kb / 1P
   SMD High Current Shielded Choke
PCHC412R8 ALLIED-PCHC412R8 Datasheet
412Kb / 1P
   SMD High Current Shielded Choke
PCXA603 ALLIED-PCXA603 Datasheet
1Mb / 3P
   Shielded High Current Power Choke
PCHC412R8L ALLIED-PCHC412R8L Datasheet
400Kb / 1P
   SMD High Current Shielded Choke
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com