Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C4215-25JI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C4215-25JI
Description  64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4215-25JI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C4215-25JI Datasheet HTML 1Page - Cypress Semiconductor CY7C4215-25JI Datasheet HTML 2Page - Cypress Semiconductor CY7C4215-25JI Datasheet HTML 3Page - Cypress Semiconductor CY7C4215-25JI Datasheet HTML 4Page - Cypress Semiconductor CY7C4215-25JI Datasheet HTML 5Page - Cypress Semiconductor CY7C4215-25JI Datasheet HTML 6Page - Cypress Semiconductor CY7C4215-25JI Datasheet HTML 7Page - Cypress Semiconductor CY7C4215-25JI Datasheet HTML 8Page - Cypress Semiconductor CY7C4215-25JI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
CY7C4425/4205/4215
CY7C4225/4235/4245
3
Selection Guide
7C42X5-10
7C42X5-15
7C42X5-25
7C42X5-35
Maximum Frequency (MHz)
100
66.7
40
28.6
Maximum Access Time (ns)
8
10
15
20
Minimum Cycle Time (ns)
10
15
25
35
Minimum Data or Enable Set-Up (ns)
3
4
6
7
Minimum Data or Enable Hold (ns)
0.5
1
1
2
Maximum Flag Delay (ns)
8
10
15
20
Operating Current (ICC2)
(mA) @ freq=20MHz
Commercial
45
45
45
45
Industrial
50
50
50
50
CY7C4425
CY7C4205
CY7C4215
CY7C4225
CY7C4235
CY7C4245
Density
64 x 18
256 x 18
512 x 18
1K x 18
2K x 18
4K x 18
Packages
68-pin PLCC
64-pin TQFP
(10x10/14x14)
68-pin PLCC
64-pin TQFP
(10x10/14x14)
68-pin PLCC
64-pin TQFP
(10x10/14x14)
68-pin PLCC
64-pin TQFP
(10x10/14x14)
68-pin PLCC
64-pin TQFP
(10x10/14x14)
68-pin PLCC
64-pin TQFP
(10x10/14x14)
Pin Definitions
Signal Name
Description
I/O
Function
D0–17
Data Inputs
I
Data inputs for an 18-bit bus
Q0–17
Data Outputs
O
Data outputs for an 18-bit bus
WEN
Write Enable
I
Enables the WCLK input
REN
Read Enable
I
Enables the RCLK input
WCLK
Write Clock
I
The rising edge clocks data into the FIFO when WEN is LOW and the FIFO is not
Full. When LD is asserted, WCLK writes data into the programmable flag-offset
register.
RCLK
Read Clock
I
The rising edge clocks data out of the FIFO when REN is LOW and the FIFO is not
Empty. When LD is asserted, RCLK reads data out of the programmable flag-off-
set register.
WXO/HF
Write Expansion
Out/Half Full Flag
O
Dual-Mode Pin:
Single device or width expansion - Half Full status flag.
Cascaded - Write Expansion Out signal, connected to WXI of next device.
EF
Empty Flag
O
When EF is LOW, the FIFO is empty. EF is synchronized to RCLK.
FF
Full Flag
O
When FF is LOW, the FIFO is full. FF is synchronized to WCLK.
PAE
Programmable
Almost Empty
O
When PAE is LOW, the FIFO is almost empty based on the almost-empty offset
value programmed into the FIFO. PAE is asynchronous when VCC/SMODE is tied
to VCC; it is synchronized to RCLK when VCC/SMODE is tied to VSS.
PAF
Programmable
Almost Full
O
When PAF is LOW, the FIFO is almost full based on the almost full offset value
programmed into the FIFO. PAF is asynchronous when VCC/SMODE is tied to
VCC; it is synchronized to WCLK when VCC/SMODE is tied to VSS.
LD
Load
I
When LD is LOW, D0 - 17 (O0 - 17) are written (read) into (from) the programma-
ble-flag-offset register.
FL/RT
First Load/
Retransmit
I
Dual-Mode Pin:
Cascaded - The first device in the daisy chain will have FL tied to VSS; all other
devices will have FL tied to VCC. In standard mode of width expansion, FL is tied
to VSS on all devices.
Not Cascaded - Tied to VSS. Retransmit function is also available in standalone
mode by strobing RT.
WXI
Write Expansion
Input
I
Cascaded - Connected to WXO of previous device.
Not Cascaded - Tied to VSS.


Similar Part No. - CY7C4215-25JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4215-15AXI CYPRESS-CY7C4215-15AXI Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
More results

Similar Description - CY7C4215-25JI

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
CY7C4225V CYPRESS-CY7C4225V Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com