Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9122 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # MAS9122
Description  3 Outputs LDO Voltage Regulator IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MAS9122 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MAS9122 Datasheet HTML 4Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 5Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 6Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 7Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 8Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 9Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 10Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 11Page - List of Unclassifed Manufacturers MAS9122 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DA9122.002
7 September, 2001
11 (12)
REEL SPECIFICATIONS
Dimension
Min
Max
Unit
A
330
mm
B1.5
mm
C
12.80
13.50
mm
D
20.2
mm
N50
mm
W1 (measured at hub)
12.4
14.4
mm
W2 (measured at hub)
18.4
mm
Trailer
160
mm
Leader
390,
of which minimum 160
mm of empty carrier tape
sealed with cover tape
mm
Weight
1500
g
5000 Components on Each Reel
Reel Material: Conductive, Plastic Antistatic or Static Dissipative
Carrier Tape Material: Conductive
Cover Tape Material: Static Dissipative
D
A
B
C
N
W
1
W
2
Tape Slot for Tape Start
Components
Trailer
Leader
Carrier Tape
Cover Tape
Start
End


Similar Part No. - MAS9122

ManufacturerPart #DatasheetDescription
logo
Micronas
MAS9128A MICRONAS-MAS9128A Datasheet
221Kb / 8P
   LDO Voltage Regulator IC
MAS9128AS MICRONAS-MAS9128AS Datasheet
221Kb / 8P
   LDO Voltage Regulator IC
MAS9128AS-T MICRONAS-MAS9128AS-T Datasheet
221Kb / 8P
   LDO Voltage Regulator IC
More results

Similar Description - MAS9122

ManufacturerPart #DatasheetDescription
logo
Micronas
MAS9128A MICRONAS-MAS9128A Datasheet
221Kb / 8P
   LDO Voltage Regulator IC
logo
List of Unclassifed Man...
MAS9162 ETC1-MAS9162 Datasheet
89Kb / 8P
   80 mA LDO VOLTAGE REGULATOR IC
logo
Interpion semiconductor
IP1621 INTERPION-IP1621 Datasheet
364Kb / 15P
   DUAL OUTPUT VOLTAGE LDO REGULATOR RESET IC
IP1622 INTERPION-IP1622 Datasheet
362Kb / 15P
   DUAL OUTPUT VOLTAGE LDO REGULATOR RESET IC
logo
AUK corp
A78R33PIC AUK-A78R33PIC Datasheet
295Kb / 7P
   LDO Fixed Regulator IC
logo
SHENZHEN FUMAN ELECTRON...
SC1117 FUMAN-SC1117 Datasheet
481Kb / 8P
   800mA LDO Regulator IC
logo
Texas Instruments
DRV8850 TI1-DRV8850 Datasheet
973Kb / 22P
[Old version datasheet]   Low-Voltage H-Bridge IC With LDO Voltage Regulator
DRV8850 TI1-DRV8850_16 Datasheet
2Mb / 30P
[Old version datasheet]   Low-Voltage H-Bridge IC with LDO Voltage Regulator
DRV8850 TI-DRV8850_15 Datasheet
974Kb / 23P
[Old version datasheet]   Low-Voltage H-Bridge IC With LDO Voltage Regulator
DRV8850 TI1-DRV8850 Datasheet
973Kb / 22P
[Old version datasheet]   Low-Voltage H-Bridge IC With LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com