Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPC8013-H Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TPC8013-H
Description  Silicon N Channel MOS Type (High speed U-MOS III)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8013-H Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TPC8013-H Datasheet HTML 1Page - Toshiba Semiconductor TPC8013-H Datasheet HTML 2Page - Toshiba Semiconductor TPC8013-H Datasheet HTML 3Page - Toshiba Semiconductor TPC8013-H Datasheet HTML 4Page - Toshiba Semiconductor TPC8013-H Datasheet HTML 5Page - Toshiba Semiconductor TPC8013-H Datasheet HTML 6Page - Toshiba Semiconductor TPC8013-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TPC8013-H
2002-03-25
6
Drain-source voltage VDS (V)
Safe operating area
Pulse width tw (S)
rth - tw
0.01
0.01
0.1
1
10
100
0.1
1
10
100
* Single pulse
Ta
= 25°C
Curves must be derated
linearly with increase in
temperature.
ID max (pluse) *
10 ms*
1 ms*
VDSS max
0.1
0.001
0.01
0.1
10
100
1000
1
100
1000
Single pulse
1
(2)
10
(1)
Device mounted on a glass-epoxy board (a)
(Note 2a)
(2)
Device mounted on a glass-epoxy board (b)
(Note 2b)
t
= 10 s
(1)


Similar Part No. - TPC8013-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8013-H TOSHIBA-TPC8013-H Datasheet
208Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
logo
VBsemi Electronics Co.,...
TPC8013-H VBSEMI-TPC8013-H Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Toshiba Semiconductor
TPC8013-H TOSHIBA-TPC8013-H_06 Datasheet
208Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
More results

Similar Description - TPC8013-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8005-H TOSHIBA-TPC8005-H Datasheet
512Kb / 7P
   Silicon N Channel MOS Type (High Speed U-MOS)
TPC8016-H TOSHIBA-TPC8016-H Datasheet
75Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOS III)
TPC6103 TOSHIBA-TPC6103 Datasheet
230Kb / 7P
   Silicon P Channel MOS Type (U-MOS III)
TPC6105 TOSHIBA-TPC6105_06 Datasheet
259Kb / 7P
   Silicon P Channel MOS Type (U-MOS III)
TPCF8402 TOSHIBA-TPCF8402_09 Datasheet
320Kb / 11P
   Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8001 TOSHIBA-TPCF8001 Datasheet
242Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPCF8201 TOSHIBA-TPCF8201_07 Datasheet
232Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPC8211 TOSHIBA-TPC8211 Datasheet
171Kb / 4P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPCP8402 TOSHIBA-TPCP8402_07 Datasheet
304Kb / 11P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com