Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGS602U040R3C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CGS602U040R3C
Description  Computer Grade Aluminum Electrolytic Capacitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CGS602U040R3C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CGS602U040R3C Datasheet HTML 1Page - List of Unclassifed Manufacturers CGS602U040R3C Datasheet HTML 2Page - List of Unclassifed Manufacturers CGS602U040R3C Datasheet HTML 3Page - List of Unclassifed Manufacturers CGS602U040R3C Datasheet HTML 4Page - List of Unclassifed Manufacturers CGS602U040R3C Datasheet HTML 5Page - List of Unclassifed Manufacturers CGS602U040R3C Datasheet HTML 6Page - List of Unclassifed Manufacturers CGS602U040R3C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type CGS Computer Grade Aluminum Electrolytic Capacitor
High CV, Screw Terminal Capacitors Type CGS screw terminal, computer grade aluminum
electrolytic capacitors have a high CV rating and are
suitable for use in most demanding applications requir-
ing high current filtering or energy storage.
Highlights
High CV rating
High current filtering
Screw Terminal
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature:
Ripple Current Multipliers:
75 to 1,500,000 µF
6.3 to 500 WVdc
–10% +75% (6.3 - 150 WVdc)
–10% +50% (200 - 450 WVdc)
–40 ºC to +85 ºC
Ambient Temperature
+45 ºC
+55 ºC
+65 ºC
+75 ºC
+85 ºC
2.24
2.00
1.73
1.41
1.00
Rated
Ripple Multiplier
Voltage
60 Hz
120 Hz 300 Hz 1000 Hz 10 kHz
16 to 150
0.9
1.0
1.15
1.25
1.30
200 to 500
0.9
1.0
1.25
1.40
1.50
DC Leakage Current:
QA Stability Test:
I = .006 √ CV
Not to exceed 6.0 mA max. after 5 minutes
C = Capacitance in µF
V = Rated Voltage
I = Leakage current in mA
Apply WVdc for 2000 h @ 85 ºC
Capacitance change ± 10% from initial limits
DC leakage current: 200% of limit
ESR: 175% of limit
Typical Performance Curves
Temperature (
gC)
-5 5 -40
-20
-0
25 40
60
85
105
0.1
1
10
100
% C
ESR
Impedance
Capacitance
Temperature (
gC)
-5 5 -40
-20
-0
25 40
60
85
105
0.1
1
10
100
% C
Capacitance
Impedance
ESR
Temperature (
gC)
-5 5 -40
-20
-0
25 40
60
85
105
0.1
1
10
100
% C
Capacitance
Impedance
ESR
Temperature Characteristics - 100,000 µF 10 Vdc Temperature Characteristics - 29,000 µF 50 Vdc Temperature Characteristics - 4600 µF 100 Vdc


Similar Part No. - CGS602U040R3C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CGS602U040R3C CDE-CGS602U040R3C Datasheet
263Kb / 7P
   High-Cap Screw Terminal Aluminum Electrolytic Capacitor
CGS602U040R3C CDE-CGS602U040R3C Datasheet
824Kb / 8P
   High-Cap Screw Terminal Aluminum Electrolytic Capacitor
More results

Similar Description - CGS602U040R3C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TCX103U010L3C CDE-TCX103U010L3C Datasheet
210Kb / 2P
   105 쨘C, Axial Leaded Aluminum Electrolytic Capacitors Extended Life Computer Grade Capacitor
556 CDE-556 Datasheet
81Kb / 5P
   Computer Grade, Axial Leaded, Aluminum
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com