Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMD31012 Datasheet(PDF) 2 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD31012
Description  Two low-cost sensor signal conditioners ZMD31010 chips in one package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD31012 Datasheet(HTML) 2 Page - Zentrum Mikroelektronik Dresden AG

  ZMD31012 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG ZMD31012 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.zmd.biz
© ZMD AG 2006 · Rev. 0.1 · Preliminary
Application Examples
Ordering Code
Airflow
Differential Pressure
Process Control
Redundancy
Process Control
Dataloggers
Filter Check
Refrigerant
Pressure Monitoring
Appliances
Automotive
ZMD Product Sales Name
* only for serial parts; engineering samples don’t have this character
** only for finished parts in plastic package
Engineering samples can be marked with the additional characters “ES”.
Not all possible product versions are available. Please ask ZMD sales
if and when a certain product version is available.
Example:
Z M D 3 1 0 1 2 B I F - T
Delivery Form**
T = delivery in tube
R = delivery in tape on reel
S = special (e.g. sample box)
Die/Package Options
B = tested dice on unsawn wafer
C = tested dice on frame
D = tested dice in waffle pack
F = finished parts in plastic package
G1 = finished parts in “green” plastic package
(lead-free terminals – pure Sn)
Target Application Area/
Usual Operating Temperature Range*
I = Industrial (-40°C to +125°C)
E = Extended automotive (-50°C to +150°C)
Design Revision
A = first design revision
B = second design revision
etc.
For further
information:
ZMD AG
Grenzstrasse 28
01109 Dresden
Germany
Tel +49.351.8822.366
Fax +49.351.8822.337
sales@zmd.de
ZMD America, Inc.
201 Old Country Road, Suite 204
Melville, NY 11747
USA
Tel +1.631.549.2666
Fax +1.631.549.2882
sales@zmda.com
This information applies to a product under development. Its characteristics and specifications are subject to change without notice. ZMD assumes no obligation regarding future manufacture
unless otherwise agreed to in writing. The information furnished hereby is believed to be true and accurate. However, ZMD shall not be liable to any customer, licencee or any other third party
for any damages in connection with or arising out of the furnishing, performance or use of this technical data. No obligation or liability to any customer, licencee or any other third party shall
result from ZMD‘s rendering of technical or other services.
Industrial
Consumer/Medical
Blood Pressure Meters
PDAs
ZMD Far East
1F, No. 14, Lane 268, Sec. 1 Guangfu Rd.
HsinChu City 300
Taiwan
Tel +886.3.563.1388
Fax +886.3.563.6385
sales@zmd.de


Similar Part No. - ZMD31012

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010 Datasheet
128Kb / 4P
   RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010 ZMD-ZMD31010 Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010CEB ZMD-ZMD31010CEB Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010CEC ZMD-ZMD31010CEC Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010CED ZMD-ZMD31010CED Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
More results

Similar Description - ZMD31012

ManufacturerPart #DatasheetDescription
logo
Micross Components
MYXB21200-20GAB MICROSS-MYXB21200-20GAB Datasheet
365Kb / 4P
   Two devices in one hermetic package
logo
M-System Co.,Ltd.
26TS1 MSYSTEM-26TS1 Datasheet
104Kb / 3P
   Head-mounted Two-wire Signal Conditioners
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010_09 Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452_10 Datasheet
267Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
MAX1452 MAXIM-MAX1452_V01 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-1829; Rev 5; 4/15
logo
M-System Co.,Ltd.
26R1 MSYSTEM-26R1 Datasheet
99Kb / 2P
   Head-mounted Two-wire Signal Conditioners
logo
List of Unclassifed Man...
ZSC31010 ETC2-ZSC31010 Datasheet
821Kb / 47P
   RBicLite??Low-Cost Sensor Signal Conditioner
logo
M-System Co.,Ltd.
26RS MSYSTEM-26RS Datasheet
102Kb / 3P
   Head-mounted Two-wire Signal Conditioners
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452 Datasheet
283Kb / 24P
   Low-Cost Precision Sensor Signal Conditioner
Rev 1; 6/01
MAX1455 MAXIM-MAX1455 Datasheet
290Kb / 25P
   Low-Cost Automotive Sensor Signal Conditioner
Rev 1; 10/01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com