Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UL62H256ASA55 Datasheet(PDF) 7 Page - Zentrum Mikroelektronik Dresden AG

Part # UL62H256ASA55
Description  Low Voltage Automotive Fast 32K x 8 SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

UL62H256ASA55 Datasheet(HTML) 7 Page - Zentrum Mikroelektronik Dresden AG

Back Button UL62H256ASA55 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG UL62H256ASA55 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG UL62H256ASA55 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG UL62H256ASA55 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG UL62H256ASA55 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG UL62H256ASA55 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG UL62H256ASA55 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG UL62H256ASA55 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG UL62H256ASA55 Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
May 07, 2004
UL62H256A
Capacitance
Conditions
Symbol
Min.
Max.
Unit
Input Capacitance
VCC
VI
f
Ta
= 3.3 V
= VSS
= 1 MHz
= 25
°C
CI
7pF
Output Capacitance
Co
7pF
All pins not under test must be connected with ground by capacitors.
Date of manufacture
(The first 2 digits indicating
the year, and the last 2
digits the calendar week.)
Leadfree Green Package
Product specification
Assembly location and
trace code
Internal Code
Operating Temperature Range
K = -40 to 85 °C
A = -40 to 125 °C
S
35
A
UL62H256A
Type
Package
S = SOP28 (300 mil)
S2 = SOP28 (330 mil) Type 2
Ordering Code
Leadfree Option
blank = Standard Package
G1
= Leadfree Green Package f
Access Time
35 = 35 ns
55 = 55 ns
Device Marking (example)
ZMD
UL62H256ASA
35
C 0425
1 ZZ
G1
f on special request
Example


Similar Part No. - UL62H256ASA55

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UL62 UTC-UL62 Datasheet
121Kb / 4P
   HIGH ACCURACY LINEAR CONSTANT CURRENT LED DRIVER
logo
List of Unclassifed Man...
UL620-15 ETC2-UL620-15 Datasheet
481Kb / 4P
   Waber-by-Tripp Lite Power Strip with 6 NEMA 5-15/20R Outlets and 15-ft. Cord with NEMA 5-20P Plug
More results

Similar Description - UL62H256ASA55

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
U62H256A ZMD-U62H256A Datasheet
162Kb / 10P
   AUTOMOTIVE FAST 32K X 8 SRAM
logo
AMIC Technology
A62L256 AMICC-A62L256 Datasheet
146Kb / 14P
   32K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV2565 BSI-BS62LV2565 Datasheet
330Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
logo
List of Unclassifed Man...
U62256 ETC-U62256 Datasheet
78Kb / 9P
   STANDARD 32K X 8 SRAM
logo
Zentrum Mikroelektronik...
U62256A ZMD-U62256A Datasheet
164Kb / 10P
   STANDARD 32K X 8 SRAM
U62H64 ZMD-U62H64 Datasheet
163Kb / 9P
   AUTOMOTIVE FAST 8K X 8 SRAM
logo
Brilliance Semiconducto...
BS62UV256 BSI-BS62UV256 Datasheet
331Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 32K X 8 bit
BS62LV2563 BSI-BS62LV2563 Datasheet
327Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
BS62LV256 BSI-BS62LV256 Datasheet
331Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
logo
Integrated Device Techn...
IDT71V256SA IDT-IDT71V256SA Datasheet
67Kb / 6P
   LOW POWER 3.3V CMOS FAST SRAM 256K (32K x 8-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com