Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMD31020BCD Datasheet(PDF) 4 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD31020BCD
Description  Sensor Signal Conditioner
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD31020BCD Datasheet(HTML) 4 Page - Zentrum Mikroelektronik Dresden AG

  ZMD31020BCD Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCD Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCD Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCD Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCD Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCD Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCD Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCD Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZMD31020BCD Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Copyright © 2004, ZMD AG, Rev. 1.6, 2005-05-19
4/19
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior
written consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD31020
Sensor Signal Conditioner
Datasheet
2.
CIRCUIT DESCRIPTION
Block diagram of ZMD31050
PGA
programmable gain amplifier
MUX
multiplexer
ADC
analog-to-digital converter
CMC
calibration microcontroller
DAC
digital-to-analog converter
BAMP
buffer amplifier
TS
on-chip temperature sensor (pn-junction)
EEPROM
for calibration parameters and configuration
ROM
for correction formula and –algorithm
I
2C
serial interface: I
2
C data I/O, clock
The ZMD31020’s signal path is partly analog (blue) and partly digital (red). The differential signal from the
resistive bridge sensor is pre-amplified by the programmable gain amplifier (PGA). There are 3 different
adjustable gains.
The Multiplexer (MUX) transmits the differential signal or the temperature signal to the ADC in a certain
sequence. (The external temperature sensing diode or the internal temperature sensor can be used optionally.)
The ADC converts the differential signal with 12 bits resolution and the temperature signal with 10 bits resolution
into digital values.
2.1 Signal Flow


Similar Part No. - ZMD31020BCD

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010 Datasheet
128Kb / 4P
   RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010 ZMD-ZMD31010 Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010CEB ZMD-ZMD31010CEB Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010CEC ZMD-ZMD31010CEC Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
ZMD31010CED ZMD-ZMD31010CED Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
More results

Similar Description - ZMD31020BCD

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
logo
Texas Instruments
PGA450-Q1 TI1-PGA450-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   ULTRASONIC-SENSOR SIGNAL CONDITIONER
logo
Renesas Technology Corp
ZSSC5101 RENESAS-ZSSC5101 Datasheet
804Kb / 29P
   xMR Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3123 IDT-ZSSC3123 Datasheet
688Kb / 63P
   Capacitive Sensor Signal Conditioner
logo
Texas Instruments
PGA301-Q1 TI1-PGA301-Q1 Datasheet
63Kb / 3P
[Old version datasheet]   Pressure Sensor Signal Conditioner
PGA400-Q1 TI1-PGA400-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   PRESSURE SENSOR SIGNAL CONDITIONER
logo
Integrated Device Techn...
ZSSC416X IDT-ZSSC416X Datasheet
201Kb / 4P
   Sensor Signal Conditioner Family
logo
Texas Instruments
PGA400-EP TI1-PGA400-EP Datasheet
1Mb / 99P
[Old version datasheet]   PRESSURE SENSOR SIGNAL CONDITIONER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com