Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1792 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX1792
Description  Low Voltage, Low Power, AudioMite Class-D Audio Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1792 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX1792 Datasheet HTML 1Page - Microsemi Corporation LX1792 Datasheet HTML 2Page - Microsemi Corporation LX1792 Datasheet HTML 3Page - Microsemi Corporation LX1792 Datasheet HTML 4Page - Microsemi Corporation LX1792 Datasheet HTML 5Page - Microsemi Corporation LX1792 Datasheet HTML 6Page - Microsemi Corporation LX1792 Datasheet HTML 7Page - Microsemi Corporation LX1792 Datasheet HTML 8Page - Microsemi Corporation LX1792 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PRELIMINARY SPECIFICATION
Microsemi
INTEGRATED PRODUCTS
5973 Avenida Encinas, Suite 101, Carlsbad 92008, Fax (760) 431-0541
Page 2
Copyright
 2001
Rev. 0.3,2002-05-08
LX1792
Low Voltage, Low Power, AudioMite™
Class-D Audio Amplifier
INTEGRA T ED
P R OD UCT S
ABSOLUT E M AXI M U M RA T
ABSOLUT E M AXI M U M RA T
ABSOLUT E M AXI M U M RA T
ABSOLUT E M AXI M U M RA T I NGS
INGS
INGS
INGS
Input Logic Supply Voltage (VDD).......................................-0.3V to +3.0V
Operating Temperature Range ................................................10°C to 55°C
Note:
Exceeding these ratings could cause damage to the device. All voltages are
with respect to Ground. Currents are positive into, negative out of
specified terminal.
SETTING S
SETTING S
SETTING S
SETTING S
PIN
IMPSEL=VSS
IMPSEL=VDD
IMPSEL=Floating
IMPSEL
16
24
48
PACKAGE PIN OU T
PACKAGE PIN OU T
PACKAGE PIN OU T
PACKAGE PIN OU T
1
2
3
4
5
6
7
8
V
SS
OUT
N
IMP
SEL
IN
PREOUT
OUT
P
V
DD
LM PACKAGE
(Top View)
V
SS
OUT
N
IMP
SEL
IN
PREOUT
OUT
P
V
DD
1
2
3
45
6
7
8
DU PACKAGE
(Top View)
OUT
N
V
SS
IMP
SEL
IN
PREOUT
V
DD
1
2
3
4
5
6
8
9
10
11
12
13
7
14
OUT
P
J PACKAGE
(Top View)
F UNCTIONA L P I N D ESCR
F UNCTIONA L P I N D ESCR
F UNCTIONA L P I N D ESCR
F UNCTIONA L P I N D ESCR I P T ION
IP TION
IP TION
IP TION
PIN
NAME
PIN NO
14 PIN J
(EVALUATION
SAMPLES)
PIN NO
8 PIN LM
PIN NO
8 PIN DU
DESCRIPTION
VDD
13
8
8
Supply Voltage
VSS
2
1
1
Ground
IN
8
5
5
Analog Audio Input
OUTP
14
7
7
Positive Output Voltage
OUTN
1
2
2
Negative Output Voltage
PREOUT
9
6
6
Pre amplifier output
IMPSEL
6
3
3
Output Resistance Select. See Settings table below for selections.


Similar Part No. - LX1792

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
LX170 LUMINIS-LX170 Datasheet
95Kb / 2P
   Pedestal mount
logo
Microsemi Corporation
LX1701 MICROSEMI-LX1701 Datasheet
445Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
LX1701 MICROSEMI-LX1701 Datasheet
454Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
LX1701CLQ MICROSEMI-LX1701CLQ Datasheet
445Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
LX1701 MICROSEMI-LX1701_05 Datasheet
454Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
More results

Similar Description - LX1792

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM6515 AD-SSM6515 Datasheet
1Mb / 40P
   Ultra Low Power, Class-D Audio Amplifier
Rev. 0
logo
Eutech Microelectronics...
EUA2510A EUTECH-EUA2510A Datasheet
156Kb / 1P
   Low EMI 2.7W Boosted Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
AZ386 ETC-AZ386 Datasheet
240Kb / 10P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_05 Datasheet
182Kb / 7P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
BCD Semiconductor Manuf...
AZ386 BCDSEMI-AZ386 Datasheet
164Kb / 11P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Allegro MicroSystems
3718 ALLEGRO-3718 Datasheet
88Kb / 6P
   LOW-VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
LM386 UTC-LM386_15 Datasheet
319Kb / 7P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
New Japan Radio
NJM2135 NJRC-NJM2135 Datasheet
183Kb / 5P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
NJM2113 NJRC-NJM2113 Datasheet
156Kb / 4P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
KA8602 UTC-KA8602_15 Datasheet
200Kb / 5P
   LOW VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com