Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7CR-BWVS Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # H7CR-BWVS
Description  Digital Counter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CR-BWVS Datasheet(HTML) 2 Page - Omron Electronics LLC

  H7CR-BWVS Datasheet HTML 1Page - Omron Electronics LLC H7CR-BWVS Datasheet HTML 2Page - Omron Electronics LLC H7CR-BWVS Datasheet HTML 3Page - Omron Electronics LLC H7CR-BWVS Datasheet HTML 4Page - Omron Electronics LLC H7CR-BWVS Datasheet HTML 5Page - Omron Electronics LLC H7CR-BWVS Datasheet HTML 6Page - Omron Electronics LLC H7CR-BWVS Datasheet HTML 7Page - Omron Electronics LLC H7CR-BWVS Datasheet HTML 8Page - Omron Electronics LLC H7CR-BWVS Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
H7CR
H7CR
2
Model
Economy
Standard
Reversible +/– Range
Number of presets
One
One
Two
One
Two
Display type
6-digit, not backlit
6-digit, backlit
4-digit, backlit
6-digit, backlit
6-digit backlit
Input type
No-voltage
Contact output
H7CR-SAL
H7CR-SBL
H7CR-SB4L
H7CR-SCL
Transistor
H7CR-SASL
H7CR-SBSL
H7CR-SBWSL
H7CR-SCSL
H7CR-SCWSL
Counter supply voltage
12 to 24 VDC
s REVERSIBLE +/– RANGE COUNTERS
Number of presets
One
Two (Non-independent)
Display type
6-digit LCD, backlit
6-digit LCD, backlit
Input type
No-voltage
Voltage
No-voltage
Voltage
Contact output
H7CR-C
H7CR-CV
H7CR-CW
H7CR-CWV
Transistor output
H7CR-CS
H7CR-CVS
H7CR-CWS
H7CR-CWVS
Contact output
H7CR-CG
H7CR-CVG
H7CR-CWG
H7CR-CWVG
Transistor output
H7CR-CSG
H7CR-CVSG
H7CR-CWSG
H7CR-CWVSG
Counter supply voltages
100 to 240 VAC, 50/60 Hz or 24 VAC/12 to 24 VDC
s SHORT BODY COUNTERS
s SOCKET-MOUNT COUNTERS
Number of presets
One
Display type
6-digit LCD, backlit
4-digit LCD, backlit
6-digit LCD, backlit
Input type
Power supply reset type
Memory backup type
Contact output
H7CR-8
H7CR-84*
H7CR-11
Transistor
H7CR-8S
H7CR-11S
Counter supply voltage
100 to 240 VAC, 50/60 Hz or 24 VAC/12 to 24 VDC
* Available with 100 to 240 VAC supply voltage only.
s ACCESSORIES
s REPLACEMENT PARTS
Description
Part number
Panel mounting adapter*
Y92F-30
12 VDC sensor
supply voltage
24 VDC sensor
supply voltage
Description
Part number
Sockets
For H7CR-8
Bottom surface or track mounting, top screws
P2CF-08
and H7CR-8S
Back mounting, for use with Y92F-30 mounting adapter, bottom screw terminals P3G-08
For H7CR-11
Bottom surface or track mounting, top screws
P2CF-11
and H7CR-11S
Back mounting, for use with Y92F-30 mounting adapter, bottom screw terminals P3GA-11
Soft cover with two mounting clips for front panel protection
Y92A-48F1
Shock prevention terminal cover protects wiring connections
Y92A-48T
Mounting track
DIN rail, 50 cm (1.64 ft) length
PFP-50N
for P2CF sockets
DIN rail, 1 m (3.28 ft) length
PFP-100N
End plate
PFP-M
Panel mounting adapter*
For use with H7CR-8/-11 digital counters
Y92F-30
* Panel mounting adapter is included with H7CR-A/-B/-C digital counters.
* Panel mounting adapter is included with H7CR-A/-B/-C digital counters.
Order separately for use with H7CR-8/-11 counters.


Similar Part No. - H7CR-BWVS

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
H7C-2E FOX-H7C-2E Datasheet
66Kb / 1P
   5.0V HCMOS TRI-STATE ENABLE/DISABLE OSCILLATORS
H7C-2E3 FOX-H7C-2E3 Datasheet
60Kb / 1P
   3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
H7C-2E3LF FOX-H7C-2E3LF Datasheet
168Kb / 1P
   Tri-State Enable/Disable 3.3V Oscillator
H7C-2E3R FOX-H7C-2E3R Datasheet
60Kb / 1P
   3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
H7C-2E3RLF FOX-H7C-2E3RLF Datasheet
168Kb / 1P
   Tri-State Enable/Disable 3.3V Oscillator
More results

Similar Description - H7CR-BWVS

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
MC50-4D FOTEK-MC50-4D Datasheet
1Mb / 3P
   Digital counter
logo
Good Will Instrument Co...
GFC-8010H GWINSTEK-GFC-8010H Datasheet
486Kb / 1P
   DIGITAL FREQUENCY COUNTER
logo
Omron Electronics LLC
H7CC OMRON-H7CC Datasheet
15Mb / 66P
   Digital Counter/Tachometer
logo
SELEC Controls Pvt. Ltd
XC410 SELEC-XC410 Datasheet
372Kb / 1P
   Digital LCD Counter
logo
FOTEK CONTROLS CO., LTD...
SC-2D FOTEK-SC-2D Datasheet
125Kb / 1P
   PRESET DIGITAL COUNTER
logo
SELEC Controls Pvt. Ltd
XC10D SELEC-XC10D Datasheet
133Kb / 1P
   Digital LCD Counter
logo
List of Unclassifed Man...
FKC01C924 ETC2-FKC01C924 Datasheet
125Kb / 5P
   48x48 digital preset counter
logo
FOTEK CONTROLS CO., LTD...
HC-4T FOTEK-HC-4T Datasheet
1Mb / 4P
   DIN 72X72 Digital Counter
H5C-4D FOTEK-H5C-4D Datasheet
145Kb / 1P
   DIN 48X48 PRESET DIGITAL COUNTER
logo
Tyco Electronics
CNT MACOM-CNT Datasheet
58Kb / 2P
   Multifunction, Digital Time Delay Relay/Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com