Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7CR-BWVG Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # H7CR-BWVG
Description  Digital Counter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CR-BWVG Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button H7CR-BWVG Datasheet HTML 2Page - Omron Electronics LLC H7CR-BWVG Datasheet HTML 3Page - Omron Electronics LLC H7CR-BWVG Datasheet HTML 4Page - Omron Electronics LLC H7CR-BWVG Datasheet HTML 5Page - Omron Electronics LLC H7CR-BWVG Datasheet HTML 6Page - Omron Electronics LLC H7CR-BWVG Datasheet HTML 7Page - Omron Electronics LLC H7CR-BWVG Datasheet HTML 8Page - Omron Electronics LLC H7CR-BWVG Datasheet HTML 9Page - Omron Electronics LLC H7CR-BWVG Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
H7CR
H7CR
6
H7CR-S, -8, -11
Model
H7CR-SA
H7CR-SBs
s
H7CR-SC
H7CR-8s
s
H7CR-11
Type
Economy
Standard
+/– range
Socket mount
Socket mount
Supply voltage
12 to 24 VDC
100 to 240 VAC, 50/60 Hz
(20% max. permissible ripple)
or 24 VAC/12 to 24 VDC
(20% max. permissible ripple)
Operating voltage range
85% to 110% of rated voltage
Power consumption
Approx. 1.3 W at 24 VDC
Approx. 2.8 VA at 50 Hz, 240 VAC
(approx. 5 A (24 VDC/240 VAC)
surge current for 2 ms upon power application)
Approx. 1.3 W at 24 VDC
(approx. 8 A (24 VDC/24 VAC)
surge current for 2 ms upon power application)
Max. counting speed
30 cps, or 1 or 5 kcps (same setting CP1 and CP2)
Reset
Min. pulse width
Min. pulse width for external reset:
Min. pulse width
Min. pulse width
for external reset: 1 or 20 ms
for external reset:
for external reset:
20 ms
1 or 20 ms,
1 or 20 ms
power reset:
0.5 s
Key protect
Not applicable
Response time: 1 second
One-shot durations
10, 50, 100, 200,
10, 50, 100, 200, and 500 ms
10, 50, 100, 200, and 500 ms
and 500 ms
(separate settings for presets 1
and 2)
Inputs (count, reset)
No-voltage inputs ON impedance:
1k
Ω max. (approx. 2 mA when 0 kΩ)
ON residual voltage: 2 V max.
OFF impedance 100 k
Ω min.
Key protect input
Not applicable
No-voltage input
Not applicable
No voltage input
ON impedance: 1 k
Ω max.
ON impedance: 1 k
Ω max.
(approx. 2 mA when 0 k
Ω)
(approx. 2 mA when 0 k
Ω)
ON residual voltage: 1 V max.
ON residual voltage:
OFF impedance: 100 k
Ω min.
1 V max.
OFF impedance:
100 k
Ω min.
Control output
Contacts: 3 A, 250 VAC; general use (p.f. = 1)
Transistor: Open collector; 100 mA at 30 VDC max. residual voltage 2 V max. (approx. 1 V)
Ambient operating
-10
° to 55°C (14° to 131°F) with no icing
temperature
Storage temperature
-25
° to 65°C (-13° to 149°F) with no icing
Ambient operating
35% to 85% RH
humidity
Approved by the following standards:
UL
CSA
SEV
CE (EMC)


Similar Part No. - H7CR-BWVG

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
H7C-2E FOX-H7C-2E Datasheet
66Kb / 1P
   5.0V HCMOS TRI-STATE ENABLE/DISABLE OSCILLATORS
H7C-2E3 FOX-H7C-2E3 Datasheet
60Kb / 1P
   3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
H7C-2E3LF FOX-H7C-2E3LF Datasheet
168Kb / 1P
   Tri-State Enable/Disable 3.3V Oscillator
H7C-2E3R FOX-H7C-2E3R Datasheet
60Kb / 1P
   3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
H7C-2E3RLF FOX-H7C-2E3RLF Datasheet
168Kb / 1P
   Tri-State Enable/Disable 3.3V Oscillator
More results

Similar Description - H7CR-BWVG

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
MC50-4D FOTEK-MC50-4D Datasheet
1Mb / 3P
   Digital counter
logo
Good Will Instrument Co...
GFC-8010H GWINSTEK-GFC-8010H Datasheet
486Kb / 1P
   DIGITAL FREQUENCY COUNTER
logo
Omron Electronics LLC
H7CC OMRON-H7CC Datasheet
15Mb / 66P
   Digital Counter/Tachometer
logo
SELEC Controls Pvt. Ltd
XC410 SELEC-XC410 Datasheet
372Kb / 1P
   Digital LCD Counter
logo
FOTEK CONTROLS CO., LTD...
SC-2D FOTEK-SC-2D Datasheet
125Kb / 1P
   PRESET DIGITAL COUNTER
logo
SELEC Controls Pvt. Ltd
XC10D SELEC-XC10D Datasheet
133Kb / 1P
   Digital LCD Counter
logo
List of Unclassifed Man...
FKC01C924 ETC2-FKC01C924 Datasheet
125Kb / 5P
   48x48 digital preset counter
logo
FOTEK CONTROLS CO., LTD...
HC-4T FOTEK-HC-4T Datasheet
1Mb / 4P
   DIN 72X72 Digital Counter
H5C-4D FOTEK-H5C-4D Datasheet
145Kb / 1P
   DIN 48X48 PRESET DIGITAL COUNTER
logo
Tyco Electronics
CNT MACOM-CNT Datasheet
58Kb / 2P
   Multifunction, Digital Time Delay Relay/Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com