Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7CR-CVG Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # H7CR-CVG
Description  Digital Counter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CR-CVG Datasheet(HTML) 5 Page - Omron Electronics LLC

  H7CR-CVG Datasheet HTML 1Page - Omron Electronics LLC H7CR-CVG Datasheet HTML 2Page - Omron Electronics LLC H7CR-CVG Datasheet HTML 3Page - Omron Electronics LLC H7CR-CVG Datasheet HTML 4Page - Omron Electronics LLC H7CR-CVG Datasheet HTML 5Page - Omron Electronics LLC H7CR-CVG Datasheet HTML 6Page - Omron Electronics LLC H7CR-CVG Datasheet HTML 7Page - Omron Electronics LLC H7CR-CVG Datasheet HTML 8Page - Omron Electronics LLC H7CR-CVG Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
H7CR
H7CR
Description
Single preset counter
Double preset counter
N
Sustained output
Sustained output 2, selectable sustained or one-shot output 1
H7CR-A, -B, -SA, -SBs
s,
-8s
s, -11
F
Sustained output,
Sustained output 2, selectable sustained or one-shot output 1
overrun display
C
One-shot output
One-shot output 2, selectable one-shot or sustained output 1
R
One-shot output
One-shot output 2, selectable one-shot or sustained output 1
K
One-shot output, overrun display One-shot output 2, selectable one-shot or sustained output 1
P
One-shot output
One-shot output 2, selectable one-shot or sustained output 1
Q
One-shot output, overrun display One-shot output 2, selectable one-shot or sustained output 1
A
One-shot output
One-shot output 2, selectable one-shot or sustained output 1
D
Instantaneous output,
Instantaneous outputs when count value = preset
H7CR-C, -SC
count value = preset
L
Sustained output, count value
Sustained output 2, count value
≥ preset,
≥ preset
sustained output 1, count value
≤ preset
H
Sustained output, count value
Sustained outputs when count values
≥ preset
≥ preset
K
One-shot output, count
One-shot outputs, count value = preset
value = preset
Model
H7CR-A Series
H7CR-B Series
H7CR-C Series
Supply voltage
100 to 240 VAC, 50/60 Hz
100 to 240 VAC, 50/60 Hz or 24 VAC/12 to 24 VDC
or 24 VAC, 50/60 Hz
(permissible ripple: 20% max.)
(permissible ripple: 20% max.)
Operating voltage range
85% to 110% of rated voltage
Power consumption
Approx. 1.7 VA at 50 Hz,
Approx. 6.6 VA at 50 Hz, 240 VAC; 3.2 W at 24 VDC*
240 VAC; 0.6 W at 24 VDC
Max. counting speed
30 cps, or 1 or 5 kcps (same setting CP1 and CP2)
Reset
Min. pulse width for
Min. pulse width for external reset: 1 or 20 ms, manual
external reset: 20 ms, manual reset
reset
Key protect
Not applicable
Response time: 1 second
One-shot durations
10, 50, 100, 200, or 500 ms
10, 50, 100, 200, or 500 ms (separate settings for presets 1
and 2)
Inputs (count, reset)
No-voltage inputs
ON impedance:
1k
Ω max. (approx. 2 mA when 0 kΩ)
ON residual voltage
2 V max.; 1 V max. for H7CR-s
s4
OFF impedance
100 k
Ω min.
Voltage inputs
High level:
4.5 to 30 VDC
Low level:
0 to 2 VDC
Input resistance:
Approx. 4.7 k
Key protect input
Not applicable
No-voltage input
ON impedance: 1 k
Ω max.
ON residual voltage: 1 V max.
OFF impedance: 100 k
Ω min.
Control output
Contacts: 3 A, 250 VAC; general use (p.f. = 1)
Transistor: Open collector; 100 mA at 30 VDC max. residual voltage 2 V max. (approx. 1 V)
Sensor power supply
Not applicable
100 mA, 12 VDC
±10 (5% ripple max.)
50 mA, 24 VDC
±10 (5% ripple max.)
Ambient operating
-10
° to 55°C with no icing
temperature
(14
° to 131°F)
Storage temperature
-25
° to 65°C (-13° to 149°F) with no icing
Ambient operating
35% to 85% RH
humidity
*Upon power application, a surge current of approx. 5 A at 240 VAC and 8 A at 24 VAC or 24 VDC flows for 2 ms.
s RATINGS
s OUTPUT MODES SUMMARY
Output
mode
Applicable
counter series


Similar Part No. - H7CR-CVG

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
H7C-2E FOX-H7C-2E Datasheet
66Kb / 1P
   5.0V HCMOS TRI-STATE ENABLE/DISABLE OSCILLATORS
H7C-2E3 FOX-H7C-2E3 Datasheet
60Kb / 1P
   3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
H7C-2E3LF FOX-H7C-2E3LF Datasheet
168Kb / 1P
   Tri-State Enable/Disable 3.3V Oscillator
H7C-2E3R FOX-H7C-2E3R Datasheet
60Kb / 1P
   3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
H7C-2E3RLF FOX-H7C-2E3RLF Datasheet
168Kb / 1P
   Tri-State Enable/Disable 3.3V Oscillator
More results

Similar Description - H7CR-CVG

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
MC50-4D FOTEK-MC50-4D Datasheet
1Mb / 3P
   Digital counter
logo
Good Will Instrument Co...
GFC-8010H GWINSTEK-GFC-8010H Datasheet
486Kb / 1P
   DIGITAL FREQUENCY COUNTER
logo
Omron Electronics LLC
H7CC OMRON-H7CC Datasheet
15Mb / 66P
   Digital Counter/Tachometer
logo
SELEC Controls Pvt. Ltd
XC410 SELEC-XC410 Datasheet
372Kb / 1P
   Digital LCD Counter
logo
FOTEK CONTROLS CO., LTD...
SC-2D FOTEK-SC-2D Datasheet
125Kb / 1P
   PRESET DIGITAL COUNTER
logo
SELEC Controls Pvt. Ltd
XC10D SELEC-XC10D Datasheet
133Kb / 1P
   Digital LCD Counter
logo
List of Unclassifed Man...
FKC01C924 ETC2-FKC01C924 Datasheet
125Kb / 5P
   48x48 digital preset counter
logo
FOTEK CONTROLS CO., LTD...
HC-4T FOTEK-HC-4T Datasheet
1Mb / 4P
   DIN 72X72 Digital Counter
H5C-4D FOTEK-H5C-4D Datasheet
145Kb / 1P
   DIN 48X48 PRESET DIGITAL COUNTER
logo
Tyco Electronics
CNT MACOM-CNT Datasheet
58Kb / 2P
   Multifunction, Digital Time Delay Relay/Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com