Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6392KA17-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6392KA17-T
Description  Dual-Voltage uP Supervisory Circuits with Sequenced Reset Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6392KA17-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6392KA17-T Datasheet HTML 1Page - Maxim Integrated Products MAX6392KA17-T Datasheet HTML 2Page - Maxim Integrated Products MAX6392KA17-T Datasheet HTML 3Page - Maxim Integrated Products MAX6392KA17-T Datasheet HTML 4Page - Maxim Integrated Products MAX6392KA17-T Datasheet HTML 5Page - Maxim Integrated Products MAX6392KA17-T Datasheet HTML 6Page - Maxim Integrated Products MAX6392KA17-T Datasheet HTML 7Page - Maxim Integrated Products MAX6392KA17-T Datasheet HTML 8Page - Maxim Integrated Products MAX6392KA17-T Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Dual-Voltage µP Supervisory Circuits
with Sequenced Reset Outputs
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = +5V, TA = +25°C, unless otherwise noted.)
10.8
11.0
11.4
11.2
11.6
11.8
-40
10
-15
35
60
85
RESET2 TO RESET1 DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
200
225
250
275
300
-40
-15
10
35
60
85
RESET1 TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (
°C)
2.50
2.75
3.00
3.25
3.50
-40
-15
10
35
60
85
RESET1 TO RESET2 TIMEOUT PERIOD
vs. TEMPERATURE (CSRT = 1500pF)
TEMPERATURE (
°C)
200
225
250
275
300
-40
-15
10
35
60
85
RESET1 TO RESET2 TIMEOUT PERIOD
vs. TEMPERATURE (CSRT TIED TO VCC)
TEMPERATURE (
°C)
10
20
40
30
50
60
MAXIMUM TRANSIENT DURATION
vs. RESET COMPARATOR OVERDRIVE
OVERDRIVE (mV)
1
100
10
1000
RESET ASSERTS ABOVE
THIS LINE
17
16
15
14
13
-40
10
-15
35
60
85
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
20
21
22
23
24
25
26
27
28
-40
-15
10
35
60
85
VCC FALLING TO RESET1 DELAY VS.
TEMPERATURE
TEMPERATURE (
°C)
9
10
11
12
13
14
15
16
17
-40
-15
10
35
60
85
VCC FALLING TO RESET2 DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)


Similar Part No. - MAX6392KA17-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX639 MAXIM-MAX639 Datasheet
778Kb / 13P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
MAX6390 MAXIM-MAX6390 Datasheet
195Kb / 11P
   SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
MAX6390LT MAXIM-MAX6390LT Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6390LT__D_+T MAXIM-MAX6390LT__D_+T Datasheet
327Kb / 10P
   SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
More results

Similar Description - MAX6392KA17-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1910 AMSCO-AS1910 Datasheet
158Kb / 2P
   Dual-Voltage Microprocessor Supervisory Circuits with Reset and Watchdog
AS1910 AMSCO-AS1910_1 Datasheet
384Kb / 15P
   Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Maxim Integrated Produc...
MAX801L MAXIM-MAX801L_05 Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
MAX6301 MAXIM-MAX6301 Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
MAX6320PUK29CY MAXIM-MAX6320PUK29CY Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX6316 MAXIM-MAX6316_11 Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
logo
Summit Microelectronics...
SMS1242 SUMMIT-SMS1242 Datasheet
78Kb / 11P
   2.5V, 3V, 3.3V & 5V Dual Voltage, Dual Reset Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX6323-MAX6324 MAXIM-MAX6323-MAX6324 Datasheet
717Kb / 12P
   uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 3; 3/04
MAX6730 MAXIM-MAX6730 Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com