Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPP11N03LA Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPP11N03LA
Description  OptiMOS짰2 Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP11N03LA Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPP11N03LA Datasheet HTML 1Page - Infineon Technologies AG IPP11N03LA Datasheet HTML 2Page - Infineon Technologies AG IPP11N03LA Datasheet HTML 3Page - Infineon Technologies AG IPP11N03LA Datasheet HTML 4Page - Infineon Technologies AG IPP11N03LA Datasheet HTML 5Page - Infineon Technologies AG IPP11N03LA Datasheet HTML 6Page - Infineon Technologies AG IPP11N03LA Datasheet HTML 7Page - Infineon Technologies AG IPP11N03LA Datasheet HTML 8Page - Infineon Technologies AG IPP11N03LA Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IPI11N03LA
IPP11N03LA
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
1021
1358
pF
Output capacitance
C oss
-
393
522
Reverse transfer capacitance
Crss
-52
78
Turn-on delay time
t d(on)
-
8.0
12
ns
Rise time
t r
-43
64
Turn-off delay time
t d(off)
-20
31
Fall time
t f
-
2.8
4.2
Gate Charge Characteristics
5)
Gate to source charge
Q gs
-
3.4
4.5
nC
Gate charge at threshold
Q g(th)
-
1.6
2.2
Gate to drain charge
Q gd
-
2.3
3.5
Switching charge
Q sw
-
4.1
5.8
Gate charge total
Q g
-
8.2
11
Gate plateau voltage
V plateau
-
3.3
-
V
Gate charge total, sync. FET
Q g(sync)
V DS=0.1 V,
V GS=0 to 5 V
-
7.2
9.6
nC
Output charge
Q oss
V DD=15 V, V GS=0 V
-
8.5
11
Reverse Diode
Diode continous forward current
I S
-
-
30
A
Diode pulse current
I S,pulse
-
-
210
Diode forward voltage
V SD
V GS=0 V, I F=30 A,
T j=25 °C
-
0.96
1.2
V
Reverse recovery charge
Q rr
V R=15 V, I F=I S,
di F/dt =400 A/µs
-
-
10
nC
5) See figure 16 for gate charge parameter definition
T C=25 °C
Values
V GS=0 V, V DS=15 V,
f =1 MHz
V DD=15 V, V GS=10 V,
I D=15 A, R G=2.7 Ω
V DD=15 V, I D=15 A,
V GS=0 to 5 V
Rev. 1.4
page 3
2006-05-11


Similar Part No. - IPP11N03LA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP110N06L INFINEON-IPP110N06L Datasheet
448Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-05-04
IPP110N06L-G INFINEON-IPP110N06L-G Datasheet
448Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-05-04
IPP110N06LG INFINEON-IPP110N06LG Datasheet
448Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-05-04
logo
Inchange Semiconductor ...
IPP110N20N3 ISC-IPP110N20N3 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPP110N20N3G INFINEON-IPP110N20N3G Datasheet
452Kb / 11P
   OptiMOSTM3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.2 2009-10-21
More results

Similar Description - IPP11N03LA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB03N03LB INFINEON-IPB03N03LB Datasheet
282Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB14N03LAG INFINEON-IPB14N03LAG Datasheet
280Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 1.7 2006-05-11
IPP03N03LB INFINEON-IPP03N03LB Datasheet
341Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
IPP26CN10N INFINEON-IPP26CN10N Datasheet
711Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev. 1.01 2006-06-02
IPP35CN10N INFINEON-IPP35CN10N Datasheet
708Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev.1.02 2006-06-02
IPD04N03LBG INFINEON-IPD04N03LBG Datasheet
417Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 1.5 2006-05-11
BSC020N025SG INFINEON-BSC020N025SG Datasheet
354Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
BSC085N025S INFINEON-BSC085N025S Datasheet
371Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB04N03LB INFINEON-IPB04N03LB Datasheet
283Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB06N03LB INFINEON-IPB06N03LB Datasheet
279Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
IPB13N03LB INFINEON-IPB13N03LB Datasheet
280Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com