Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPP13N03LBG Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPP13N03LBG
Description  OptiMOS짰2 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP13N03LBG Datasheet(HTML) 6 Page - Infineon Technologies AG

  IPP13N03LBG Datasheet HTML 1Page - Infineon Technologies AG IPP13N03LBG Datasheet HTML 2Page - Infineon Technologies AG IPP13N03LBG Datasheet HTML 3Page - Infineon Technologies AG IPP13N03LBG Datasheet HTML 4Page - Infineon Technologies AG IPP13N03LBG Datasheet HTML 5Page - Infineon Technologies AG IPP13N03LBG Datasheet HTML 6Page - Infineon Technologies AG IPP13N03LBG Datasheet HTML 7Page - Infineon Technologies AG IPP13N03LBG Datasheet HTML 8Page - Infineon Technologies AG IPP13N03LBG Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IPP13N03LB G
9 Drain-source on-state resistance
10 Typ. gate threshold voltage
R DS(on)=f(T j); I D=50 A; V GS=10 V
V GS(th)=f(T j); V GS=V DS
parameter: I D
11 Typ. Capacitances
12 Forward characteristics of reverse diode
C =f(V DS); V GS=0 V; f =1 MHz
I F=f(V SD)
parameter: T j
typ
98 %
0
2
4
6
8
10
12
14
16
18
20
22
24
-60
-20
20
60
100
140
180
T j [°C]
20 µA
200 µA
0
0.5
1
1.5
2
2.5
-60
-20
20
60
100
140
180
T j [°C]
Ciss
Coss
Crss
10
100
1000
10000
0
5
10
15
20
25
30
V DS [V]
25 °C
175 °C
25°C 98%
175°C 98%
1
10
100
1000
0.0
0.5
1.0
1.5
2.0
V SD [V]
Rev. 0.93
page 6
2006-05-10


Similar Part No. - IPP13N03LBG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP13N03LBG INFINEON-IPP13N03LBG Datasheet
276Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 0.95 2008-05-06
IPP13N03LBG INFINEON-IPP13N03LBG_08 Datasheet
276Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 0.95 2008-05-06
More results

Similar Description - IPP13N03LBG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB03N03LB INFINEON-IPB03N03LB Datasheet
282Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB14N03LAG INFINEON-IPB14N03LAG Datasheet
280Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 1.7 2006-05-11
IPP03N03LB INFINEON-IPP03N03LB Datasheet
341Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
IPP26CN10N INFINEON-IPP26CN10N Datasheet
711Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev. 1.01 2006-06-02
IPP35CN10N INFINEON-IPP35CN10N Datasheet
708Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev.1.02 2006-06-02
IPD04N03LBG INFINEON-IPD04N03LBG Datasheet
417Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 1.5 2006-05-11
BSC020N025SG INFINEON-BSC020N025SG Datasheet
354Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
BSC085N025S INFINEON-BSC085N025S Datasheet
371Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB04N03LB INFINEON-IPB04N03LB Datasheet
283Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB06N03LB INFINEON-IPB06N03LB Datasheet
279Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
IPB13N03LB INFINEON-IPB13N03LB Datasheet
280Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com