Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPD12CNE8NG Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPD12CNE8NG
Description  OptiMOS짰2 Power-Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD12CNE8NG Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPD12CNE8NG Datasheet HTML 1Page - Infineon Technologies AG IPD12CNE8NG Datasheet HTML 2Page - Infineon Technologies AG IPD12CNE8NG Datasheet HTML 3Page - Infineon Technologies AG IPD12CNE8NG Datasheet HTML 4Page - Infineon Technologies AG IPD12CNE8NG Datasheet HTML 5Page - Infineon Technologies AG IPD12CNE8NG Datasheet HTML 6Page - Infineon Technologies AG IPD12CNE8NG Datasheet HTML 7Page - Infineon Technologies AG IPD12CNE8NG Datasheet HTML 8Page - Infineon Technologies AG IPD12CNE8NG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IPB12CNE8N G IPD12CNE8N G
IPI12CNE8N G IPP12CNE8N G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
-
-
1.2
K/W
R thJA
minimal footprint
-
-
62
6 cm2 cooling area
4)
--
40
minimal footprint
-
-
75
6 cm2 cooling area
4)
--
50
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=1 mA
85
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=83 µA
234
Zero gate voltage drain current
I DSS
V DS=68 V, V GS=0 V,
T j=25 °C
-
0.1
1
µA
V DS=68 V, V GS=0 V,
T j=125 °C
-
10
100
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
1
100
nA
Drain-source on-state resistance
R DS(on)
V GS=10 V, I D=67 A,
(TO252)
-
9.2
12.4
m
V GS=10 V, I D=67 A,
(TO262)
-
9.4
12.6
V GS=10 V, I D=67 A,
(TO220, TO263)
-
9.7
12.9
Gate resistance
R G
-
1.5
-
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=67 A
39
77
-
S
Values
4) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Thermal resistance, junction -
ambient (TO220, TO262, TO263)
Thermal resistance, junction -
ambient (TO252)
Rev. 1.01
page 2
2006-02-17


Similar Part No. - IPD12CNE8NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD12CNE8NG INFINEON-IPD12CNE8NG Datasheet
552Kb / 12P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
Rev. 1.05 2007-08-29
More results

Similar Description - IPD12CNE8NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB03N03LB INFINEON-IPB03N03LB Datasheet
282Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB14N03LAG INFINEON-IPB14N03LAG Datasheet
280Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 1.7 2006-05-11
IPP03N03LB INFINEON-IPP03N03LB Datasheet
341Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
IPP26CN10N INFINEON-IPP26CN10N Datasheet
711Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev. 1.01 2006-06-02
IPP35CN10N INFINEON-IPP35CN10N Datasheet
708Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev.1.02 2006-06-02
IPD04N03LBG INFINEON-IPD04N03LBG Datasheet
417Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 1.5 2006-05-11
BSC020N025SG INFINEON-BSC020N025SG Datasheet
354Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
BSC085N025S INFINEON-BSC085N025S Datasheet
371Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB04N03LB INFINEON-IPB04N03LB Datasheet
283Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB06N03LB INFINEON-IPB06N03LB Datasheet
279Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
IPB13N03LB INFINEON-IPB13N03LB Datasheet
280Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com