Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPB26CNE8NG Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPB26CNE8NG
Description  OptiMOS짰2 Power-Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB26CNE8NG Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPB26CNE8NG Datasheet HTML 1Page - Infineon Technologies AG IPB26CNE8NG Datasheet HTML 2Page - Infineon Technologies AG IPB26CNE8NG Datasheet HTML 3Page - Infineon Technologies AG IPB26CNE8NG Datasheet HTML 4Page - Infineon Technologies AG IPB26CNE8NG Datasheet HTML 5Page - Infineon Technologies AG IPB26CNE8NG Datasheet HTML 6Page - Infineon Technologies AG IPB26CNE8NG Datasheet HTML 7Page - Infineon Technologies AG IPB26CNE8NG Datasheet HTML 8Page - Infineon Technologies AG IPB26CNE8NG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
IPB26CNE8N G IPD25CNE8N G
IPI26CNE8N G IPP26CNE8N G IPU25CNE8N G
OptiMOS®2 Power-Transistor
Features
• N-channel, normal level
• Excellent gate charge x R DS(on) product (FOM)
• Very low on-resistance R DS(on)
• 175 °C operating temperature
• Pb-free lead plating; RoHS compliant
• Qualified according to JEDEC
1) for target application
• Ideal for high-frequency switching and synchronous rectification
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T C=25 °C
35
A
T C=100 °C
25
Pulsed drain current
2)
I D,pulse
T C=25 °C
140
Avalanche energy, single pulse
E AS
I D=35 A, R GS=25 Ω
65
mJ
Reverse diode dv /dt
dv /dt
I D=35 A, V DS=68 V,
di /dt =100 A/µs,
T j,max=175 °C
6
kV/µs
Gate source voltage
3)
V GS
±20
V
Power dissipation
P tot
T C=25 °C
71
W
Operating and storage temperature
T j, T stg
-55 ... 175
°C
IEC climatic category; DIN IEC 68-1
55/175/56
3) T
jmax=150°C and duty cycle D=0.01 for Vgs<-5V
Value
1)J-STD20 and JESD22
2) see figure 3
V DS
85
V
R DS(on),max (TO252)
25
m
I D
35
A
Product Summary
Type
IPB26CNE8N G IPD25CNE8N G IPI26CNE8N G
IPP26CNE8N G IPU25CNE8N G
Package
PG-TO263-3
PG-TO252-3
PG-TO262-3
PG-TO220-3
PG-TO251-3
Marking
26CNE8N
25CNE8N
26CNE8N
26CNE8N
25CNE8N
Rev. 1.0
page 1
2006-02-17


Similar Part No. - IPB26CNE8NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB26CN10N INFINEON-IPB26CN10N Datasheet
547Kb / 12P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
Rev. 1.08 2010-04-28
logo
Inchange Semiconductor ...
IPB26CN10N ISC-IPB26CN10N Datasheet
244Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPB26CN10NG INFINEON-IPB26CN10NG Datasheet
711Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev. 1.01 2006-06-02
IPB26CN10NG INFINEON-IPB26CN10NG Datasheet
547Kb / 12P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
Rev. 1.08 2010-04-28
IPB26CN10NG INFINEON-IPB26CN10NG Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.09 2013-07-09
More results

Similar Description - IPB26CNE8NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB03N03LB INFINEON-IPB03N03LB Datasheet
282Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB14N03LAG INFINEON-IPB14N03LAG Datasheet
280Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 1.7 2006-05-11
IPP03N03LB INFINEON-IPP03N03LB Datasheet
341Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
IPP26CN10N INFINEON-IPP26CN10N Datasheet
711Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev. 1.01 2006-06-02
IPP35CN10N INFINEON-IPP35CN10N Datasheet
708Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev.1.02 2006-06-02
IPD04N03LBG INFINEON-IPD04N03LBG Datasheet
417Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 1.5 2006-05-11
BSC020N025SG INFINEON-BSC020N025SG Datasheet
354Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
BSC085N025S INFINEON-BSC085N025S Datasheet
371Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB04N03LB INFINEON-IPB04N03LB Datasheet
283Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.94 2006-05-10
IPB06N03LB INFINEON-IPB06N03LB Datasheet
279Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
IPB13N03LB INFINEON-IPB13N03LB Datasheet
280Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 0.93 2006-05-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com