Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP0002-18165 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SP0002-18165
Description  OptiMOS짰 Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP0002-18165 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SP0002-18165 Datasheet HTML 1Page - Infineon Technologies AG SP0002-18165 Datasheet HTML 2Page - Infineon Technologies AG SP0002-18165 Datasheet HTML 3Page - Infineon Technologies AG SP0002-18165 Datasheet HTML 4Page - Infineon Technologies AG SP0002-18165 Datasheet HTML 5Page - Infineon Technologies AG SP0002-18165 Datasheet HTML 6Page - Infineon Technologies AG SP0002-18165 Datasheet HTML 7Page - Infineon Technologies AG SP0002-18165 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IPB80N04S2-H4
IPP80N04S2-H4, IPI80N04S2-H4
Parameter
Symbol
Conditions
Unit
min.
typ.
max.
Dynamic characteristics
2)
Input capacitance
C iss
-
4400
-
pF
Output capacitance
C oss
-
1800
-
Reverse transfer capacitance
Crss
-
480
-
Turn-on delay time
t d(on)
-23
-
ns
Rise time
t r
-63
-
Turn-off delay time
t d(off)
-46
-
Fall time
t f
-22
-
Gate Charge Characteristics
2)
Gate to source charge
Q gs
-21
29
nC
Gate to drain charge
Q gd
-38
70
Gate charge total
Q g
-
103
148
Gate plateau voltage
V plateau
-
4.9
-
V
Reverse Diode
Diode continous forward current
2)
I S
-
-
80
A
Diode pulse current
2)
I S,pulse
-
-
320
Diode forward voltage
V SD
V GS=0 V, I F=80 A,
T j=25 °C
-
0.9
1.3
V
Reverse recovery time
2)
t rr
V R=20 V, I F=I S,
di F/dt =100 A/µs
-
195
240
ns
Reverse recovery charge
2)
Q rr
V R=20 V, I F=I S,
di F/dt =100 A/µs
-
370
460
nC
1) Current is limited by bondwire; with an R
thJC = 0.5K/W the chip is able to carry 200A at 25°C. For detailed
information see Application Note ANPS071E at www.infineon.com/optimos
T C=25 °C
Values
V GS=0 V, V DS=25 V,
f =1 MHz
V DD=20 V, V GS=10 V,
I D=80 A, R G=1.3 Ω
V DD=32 V, I D=80 A,
V GS=0 to 10 V
2) Defined by design. Not subject to production test.
3) See diagram 13.
4) Qualified at -20V and +20V.
5) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Rev. 1.0
page 3
2006-03-02


Similar Part No. - SP0002-18165

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP0002-18151 INFINEON-SP0002-18151 Datasheet
147Kb / 8P
   OptiMOS짰 - T Power-Transistor
Rev. 1.0 2006-03-02
SP0002-18153 INFINEON-SP0002-18153 Datasheet
153Kb / 8P
   OptiMOS짰 - T Power-Transistor
Rev. 1.0 2006-03-02
SP0002-18154 INFINEON-SP0002-18154 Datasheet
160Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
More results

Similar Description - SP0002-18165

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB110N06LG INFINEON-IPB110N06LG Datasheet
448Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-05-04
IPP80N04S2L-03 INFINEON-IPP80N04S2L-03 Datasheet
154Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPG20N06S2L-50A INFINEON-IPG20N06S2L-50A Datasheet
202Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2013-02-28
IPB070N06NG INFINEON-IPB070N06NG Datasheet
446Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.01 2006-06-19
IPD127N06LG INFINEON-IPD127N06LG Datasheet
389Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-04-13
IPD230N06LG INFINEON-IPD230N06LG Datasheet
392Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-06-13
IPD350N06LG INFINEON-IPD350N06LG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-08
IPB065N06LG INFINEON-IPB065N06LG Datasheet
445Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-05
IPD144N06NG INFINEON-IPD144N06NG Datasheet
380Kb / 9P
   OptiMOS짰 Power-Transistor
Rev.1.22 2008-07-22
IPD230N06NG INFINEON-IPD230N06NG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-07-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com