Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPB80N06S3L-08 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPB80N06S3L-08
Description  OptiMOS짰-T Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB80N06S3L-08 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPB80N06S3L-08 Datasheet HTML 1Page - Infineon Technologies AG IPB80N06S3L-08 Datasheet HTML 2Page - Infineon Technologies AG IPB80N06S3L-08 Datasheet HTML 3Page - Infineon Technologies AG IPB80N06S3L-08 Datasheet HTML 4Page - Infineon Technologies AG IPB80N06S3L-08 Datasheet HTML 5Page - Infineon Technologies AG IPB80N06S3L-08 Datasheet HTML 6Page - Infineon Technologies AG IPB80N06S3L-08 Datasheet HTML 7Page - Infineon Technologies AG IPB80N06S3L-08 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IPB80N06S3L-08
IPI80N06S3L-08, IPP80N06S3L-08
5 Typ. output characteristics
6 Typ. drain-source on-state resistance
I D = f(V DS); T j = 25 °C
R DS(on) = f(I D); T j = 25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. drain-source on-state resistance
I D = f(V GS); V DS = 4 V
R DS(on) = f(T j); I D = 80 A; V GS = 10 V
parameter: T j
3
5
7
9
11
13
-60
-20
20
60
100
140
180
T j [°C]
5 V
6 V
8 V
10 V
4
6
8
10
12
14
16
0
50
100
150
I D [A]
-55 °C
25 °C
175 °C
0
20
40
60
80
100
120
140
160
01
234
56
V GS [V]
3 V
3.5 V
4 V
4.5 V
5 V
10 V
0
20
40
60
80
100
120
140
160
01
234
56
V DS [V]
Rev. 1.0
page 5
2005-09-16


Similar Part No. - IPB80N06S3L-08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB80N06S3L-08 INFINEON-IPB80N06S3L-08 Datasheet
190Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.1 2007-11-07
IPB80N06S3L-08 INFINEON-IPB80N06S3L-08_07 Datasheet
190Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.1 2007-11-07
More results

Similar Description - IPB80N06S3L-08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP77N06S3-09 INFINEON-IPP77N06S3-09 Datasheet
156Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 0.9 2005-09-16
IPP80N06S3L-06 INFINEON-IPP80N06S3L-06 Datasheet
154Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
IPP25N06S3L-22 INFINEON-IPP25N06S3L-22 Datasheet
156Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
IPD70N12S3L-12 INFINEON-IPD70N12S3L-12 Datasheet
400Kb / 9P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2016-06-20
IPP100N06S3L-03 INFINEON-IPP100N06S3L-03 Datasheet
156Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
IPP100N06S3-03 INFINEON-IPP100N06S3-03 Datasheet
161Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
IPB100N12S3-05 INFINEON-IPB100N12S3-05 Datasheet
411Kb / 9P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2016-06-20
IPD50N12S3L-15 INFINEON-IPD50N12S3L-15 Datasheet
398Kb / 9P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2016-06-20
IPB160N04S2L-03 INFINEON-IPB160N04S2L-03 Datasheet
153Kb / 8P
   OptiMOS짰 - T Power-Transistor
Rev. 1.0 2006-03-02
IPD30N10S3L-34 INFINEON-IPD30N10S3L-34_11 Datasheet
182Kb / 9P
   OptiMOS짰-T Power-Transistor
Rev. 1.1 2011-10-06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com