Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP0002-19041 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SP0002-19041
Description  OptiMOS짰 Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP0002-19041 Datasheet(HTML) 6 Page - Infineon Technologies AG

  SP0002-19041 Datasheet HTML 1Page - Infineon Technologies AG SP0002-19041 Datasheet HTML 2Page - Infineon Technologies AG SP0002-19041 Datasheet HTML 3Page - Infineon Technologies AG SP0002-19041 Datasheet HTML 4Page - Infineon Technologies AG SP0002-19041 Datasheet HTML 5Page - Infineon Technologies AG SP0002-19041 Datasheet HTML 6Page - Infineon Technologies AG SP0002-19041 Datasheet HTML 7Page - Infineon Technologies AG SP0002-19041 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IPB100N08S2-07
IPP100N08S2-07, IPI100N08S2-07
9 Typ. Drain-source on-state resistance
10 Typ. gate threshold voltage
R DS(ON) = f(T j)
V GS(th) = f(T j); V GS = V DS
parameter: I D = 80 A; VGS = 10 V
parameter: I D
11 Typ. capacitances
12 Typical forward diode characteristicis
C = f(V DS); V GS = 0 V; f = 1 MHz
IF = f(VSD)
parameter: T j
25 °C
175 °C
10
3
10
2
10
1
10
0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V SD [V]
Ciss
Coss
Crss
10
4
10
3
10
2
0
5
10
15
20
25
30
V DS [V]
250µA
1250µA
1
1.5
2
2.5
3
3.5
4
-60
-20
20
60
100
140
180
T j [°C]
2
4
6
8
10
12
-60
-20
20
60
100
140
180
T j [°C]
Rev. 1.0
page 6
2006-03-03


Similar Part No. - SP0002-19041

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP0002-19040 INFINEON-SP0002-19040 Datasheet
161Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-03
SP0002-19043 INFINEON-SP0002-19043 Datasheet
161Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-03
SP0002-19048 INFINEON-SP0002-19048 Datasheet
161Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-03
More results

Similar Description - SP0002-19041

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB110N06LG INFINEON-IPB110N06LG Datasheet
448Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-05-04
IPP80N04S2L-03 INFINEON-IPP80N04S2L-03 Datasheet
154Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPP80N04S2-H4 INFINEON-IPP80N04S2-H4 Datasheet
160Kb / 8P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-03-02
IPG20N06S2L-50A INFINEON-IPG20N06S2L-50A Datasheet
202Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2013-02-28
IPB070N06NG INFINEON-IPB070N06NG Datasheet
446Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.01 2006-06-19
IPD127N06LG INFINEON-IPD127N06LG Datasheet
389Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-04-13
IPD230N06LG INFINEON-IPD230N06LG Datasheet
392Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-06-13
IPD350N06LG INFINEON-IPD350N06LG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-08
IPB065N06LG INFINEON-IPB065N06LG Datasheet
445Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.1 2006-05-05
IPD144N06NG INFINEON-IPD144N06NG Datasheet
380Kb / 9P
   OptiMOS짰 Power-Transistor
Rev.1.22 2008-07-22
IPD230N06NG INFINEON-IPD230N06NG Datasheet
390Kb / 9P
   OptiMOS짰 Power-Transistor
Rev. 1.0 2006-07-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com