Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP000221229 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # SP000221229
Description  Smart Power High-Side-Switch for Industrial Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP000221229 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button SP000221229 Datasheet HTML 5Page - Infineon Technologies AG SP000221229 Datasheet HTML 6Page - Infineon Technologies AG SP000221229 Datasheet HTML 7Page - Infineon Technologies AG SP000221229 Datasheet HTML 8Page - Infineon Technologies AG SP000221229 Datasheet HTML 9Page - Infineon Technologies AG SP000221229 Datasheet HTML 10Page - Infineon Technologies AG SP000221229 Datasheet HTML 11Page - Infineon Technologies AG SP000221229 Datasheet HTML 12Page - Infineon Technologies AG SP000221229 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
2006-03-09
Page 9
ISP 742 RI
Open-load detection
OFF-state diagnostic condition:
VOUT > 3V typ.; IN=low
Vbb disconnect with charged inductive
load
PROFET
V
IN
ST
OUT
GND
bb
V
bb
high
Open load
detection
Logic
unit
V
OUT
Signal GND
I L(OL)
OFF
GND disconnect
PROFET
V
IN
ST
OUT
GND
bb
V
bb
V
IN VST
V
GND
Inductive Load switch-off energy
dissipation
PROFET
V
IN
ST
OUT
GND
bb
=
E
E
E
EAS
bb
L
R
ELoad
RL
L
{
L
Z
GND disconnect with GND pull up
PROFET
V
IN
ST
OUT
GND
bb
V
bb
V
GND
V
IN
V
ST
Energy stored in load inductance: EL = ½ * L * IL2
While demagnetizing load inductance,
the enérgy dissipated in PROFET is
EAS = Ebb + EL - ER = VON(CL) * iL(t) dt,
with an approximate solution for RL > 0Ω:
E
IL
R
VV
IR
V
AS
L
L
bb
O U T C L
LL
OUT C L
=+
+
*
*
*(
|
) * ln (
*
||
)
()|
()
2
1


Similar Part No. - SP000221229

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000221220 INFINEON-SP000221220 Datasheet
238Kb / 13P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-16
SP000221224 INFINEON-SP000221224 Datasheet
306Kb / 14P
   Smart Two Channel Highside Power Switch for Industrial Applications
2006-Mar-28
SP000221225 INFINEON-SP000221225 Datasheet
254Kb / 14P
   Smart Sense High-Side Power Switch For Industrial Applications
2006-Mar-28
SP000221227 INFINEON-SP000221227 Datasheet
323Kb / 15P
   Smart Highside Power Switch for Industrial Applications
2006-Mar-28
SP000221228 INFINEON-SP000221228 Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
More results

Similar Description - SP000221229

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISP742RI INFINEON-ISP742RI_08 Datasheet
324Kb / 19P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-24
ISP752T INFINEON-ISP752T_08 Datasheet
306Kb / 18P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
ITS716G INFINEON-ITS716G_08 Datasheet
520Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-02
ITS724G INFINEON-ITS724G_08 Datasheet
321Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-07
ISP772T INFINEON-ISP772T Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ITS436L2 INFINEON-ITS436L2 Datasheet
248Kb / 12P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-28
ISP752T INFINEON-ISP752T Datasheet
341Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP762T INFINEON-ISP762T Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP752R INFINEON-ISP752R_08 Datasheet
327Kb / 19P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
ITS428L2 INFINEON-ITS428L2 Datasheet
238Kb / 13P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com