Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP752T Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # ISP752T
Description  Smart Power High-Side-Switch for Industrial Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISP752T Datasheet(HTML) 5 Page - Infineon Technologies AG

  ISP752T Datasheet HTML 1Page - Infineon Technologies AG ISP752T Datasheet HTML 2Page - Infineon Technologies AG ISP752T Datasheet HTML 3Page - Infineon Technologies AG ISP752T Datasheet HTML 4Page - Infineon Technologies AG ISP752T Datasheet HTML 5Page - Infineon Technologies AG ISP752T Datasheet HTML 6Page - Infineon Technologies AG ISP752T Datasheet HTML 7Page - Infineon Technologies AG ISP752T Datasheet HTML 8Page - Infineon Technologies AG ISP752T Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2006-03-09
Page 5
ISP 752 T
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
at Tj = -40...+150°C, Vbb = 12..42V, unless otherwise specified
min.
typ.
max.
Protection Functions1)
Initial peak short circuit current limit (pin 5 to 3)
Tj = -40 °C, Vbb = 20 V, tm = 150 µs
Tj = 25 °C
Tj = 150 °C
Tj = -40...+150 °C, Vbb > 40 V , ( see page 11 )
IL(SCp)
-
-
4
-
-
6.5
-
52)
9
-
-
-
A
Repetitive short circuit current limit
Tj = Tjt (see timing diagrams)
Vbb < 40 V
Vbb > 40 V
IL(SCr)
-
-
6
4.5
-
-
Output clamp (inductive load switch off)
at VOUT = Vbb - VON(CL),
Ibb = 4 mA
VON(CL)
59
63
-
V
Overvoltage protection 3)
Ibb = 4 mA
Vbb(AZ)
62
-
-
Thermal overload trip temperature
Tjt
150
-
-
°C
Thermal hysteresis
∆Tjt
-
10
-
K
Reverse Battery
Reverse battery4)
-Vbb
-
-
52
V
Drain-source diode voltage (VOUT > Vbb)
Tj = 150 °C
-VON
-
600
-
mV
1Integrated protection functions are designed to prevent IC destruction under fault conditions
described in the data sheet. Fault conditions are considered as "outside" normal operating range.
Protection functions are not designed for continuous repetitive operation .
2not subject to production test, specified by design
3 see also VON(CL) in circuit diagram on page 7
4Requires a 150 Ω resistor in GND connection. The reverse load current through the intrinsic drain-source diode has
to be limited by the connected load. Power dissipation is higher compared to normal operating conditions due to the
voltage drop across the drain-source diode. The temperature protection is not active during reverse current operation!
Input current has to be limited (see max. ratings page 3).


Similar Part No. - ISP752T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISP752T INFINEON-ISP752T Datasheet
306Kb / 18P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
ISP752T INFINEON-ISP752T_08 Datasheet
306Kb / 18P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
More results

Similar Description - ISP752T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISP742RI INFINEON-ISP742RI_08 Datasheet
324Kb / 19P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-24
ISP752T INFINEON-ISP752T_08 Datasheet
306Kb / 18P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
ITS716G INFINEON-ITS716G_08 Datasheet
520Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-02
ITS724G INFINEON-ITS724G_08 Datasheet
321Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-07
ISP742RI INFINEON-ISP742RI Datasheet
357Kb / 17P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP772T INFINEON-ISP772T Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ITS436L2 INFINEON-ITS436L2 Datasheet
248Kb / 12P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-28
ISP762T INFINEON-ISP762T Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP752R INFINEON-ISP752R_08 Datasheet
327Kb / 19P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
ITS428L2 INFINEON-ITS428L2 Datasheet
238Kb / 13P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com