Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP000219825 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SP000219825
Description  Smart Power High-Side-Switch for Industrial Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP000219825 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SP000219825 Datasheet HTML 1Page - Infineon Technologies AG SP000219825 Datasheet HTML 2Page - Infineon Technologies AG SP000219825 Datasheet HTML 3Page - Infineon Technologies AG SP000219825 Datasheet HTML 4Page - Infineon Technologies AG SP000219825 Datasheet HTML 5Page - Infineon Technologies AG SP000219825 Datasheet HTML 6Page - Infineon Technologies AG SP000219825 Datasheet HTML 7Page - Infineon Technologies AG SP000219825 Datasheet HTML 8Page - Infineon Technologies AG SP000219825 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
2006-03-09
Page 1
ISP 752 R
Smart Power High-Side-Switch
for Industrial Applications
Product Summary
Overvoltage protection
Vbb(AZ)
62
V
Operating voltage
Vbb(on)
6 ... 52
V
On-state resistance
RON
200
m
Nominal load current
IL(nom)
1.3
A
Operating temperature
Ta
-30...+85
°C
Features
• Overload protection
• Current limitation
• Short circuit protection
• Thermal shutdown with restart
• ESD - Protection
• Overvoltage protection (including load dump)
• Fast demagnetization of inductive loads
• Reverse battery protection with external resistor
• Open drain diagnostic output for overtemperature
and short circuit
• Open load detection in OFF - State
with external resistor
• CMOS compatible input
• Loss of GND and loss of Vbb protection
• Very low standby current
PG-DSO-8
Application
• All types of resistive, inductive and capacitive loads
• µC compatible power switch for 12 V, 24 V and 42 V DC industrial applications
• Replaces electromechanical relays and discrete circuits
General Description
N channel vertical power FET with charge pump, ground referenced CMOS compatible input
and diagnostic feedback, monolithically integrated in Smart SIPMOS  technology.
Providing embedded protective functions.


Similar Part No. - SP000219825

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000219823 INFINEON-SP000219823 Datasheet
166Kb / 10P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-01
SP000219824 INFINEON-SP000219824 Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
SP000219826 INFINEON-SP000219826 Datasheet
279Kb / 13P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-27
More results

Similar Description - SP000219825

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISP742RI INFINEON-ISP742RI_08 Datasheet
324Kb / 19P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-24
ISP752T INFINEON-ISP752T_08 Datasheet
306Kb / 18P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
ITS716G INFINEON-ITS716G_08 Datasheet
520Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-02
ITS724G INFINEON-ITS724G_08 Datasheet
321Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-07
ISP742RI INFINEON-ISP742RI Datasheet
357Kb / 17P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP772T INFINEON-ISP772T Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ITS436L2 INFINEON-ITS436L2 Datasheet
248Kb / 12P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-28
ISP752T INFINEON-ISP752T Datasheet
341Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP762T INFINEON-ISP762T Datasheet
339Kb / 16P
   Smart Power High-Side-Switch for Industrial Applications
2006-03-09
ISP752R INFINEON-ISP752R_08 Datasheet
327Kb / 19P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
ITS428L2 INFINEON-ITS428L2 Datasheet
238Kb / 13P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com