Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITS410E2 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # ITS410E2
Description  Smart Highside Power Switch for Industrial Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ITS410E2 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button ITS410E2 Datasheet HTML 4Page - Infineon Technologies AG ITS410E2 Datasheet HTML 5Page - Infineon Technologies AG ITS410E2 Datasheet HTML 6Page - Infineon Technologies AG ITS410E2 Datasheet HTML 7Page - Infineon Technologies AG ITS410E2 Datasheet HTML 8Page - Infineon Technologies AG ITS410E2 Datasheet HTML 9Page - Infineon Technologies AG ITS410E2 Datasheet HTML 10Page - Infineon Technologies AG ITS410E2 Datasheet HTML 11Page - Infineon Technologies AG ITS410E2 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PROFET® ITS 410 E2
Infineon Technologies AG
8
2006-Mar-28
GND disconnect with GND pull up
PROFET
V
IN
ST
OUT
GND
bb
V
bb
1
2
4
3
5
V
GND
V
IN
V
ST
Any kind of load. If VGND > VIN - VIN(T+) device stays off
Due to VGND >0, no VST = low signal available.
Vbb disconnect with energized inductive
load
PROFET
V
IN
ST
OUT
GND
bb
V
bb
1
2
4
3
5
high
Normal load current can be handled by the PROFET
itself.
Vbb disconnect with charged external
inductive load
PROFET
V
IN
ST
OUT
GND
bb
1
2
4
3
5
V
bb
high
S
D
If other external inductive loads L are connected to the PROFET,
additional elements like D are necessary.
Inductive Load switch-off energy
dissipation
PROFET
V
IN
ST
OUT
GND
bb
=
E
E
E
EAS
bb
L
R
ELoad
L
RL
{
Z L
Energy stored in load inductance:
EL = 1/2·L·I
2
L
While demagnetizing load inductance, the energy
dissipated in PROFET is
EAS= Ebb + EL - ER=
VON(CL)·iL(t) dt,
with an approximate solution for RL > 0 Ω:
EAS=
IL·L
2·RL
·
(Vbb + |VOUT(CL)|)· ln (1+
IL·RL
|VOUT(CL)| )
Maximum allowable load inductance for
a single switch off
L = f (IL ); Tj,start = 150°C,TC = 150°C const.,
Vbb = 12 V, RL = 0 Ω
L [mH]
1
10
100
1000
10000
12
34
56
IL [A]


Similar Part No. - ITS410E2

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITS4100AFK GLENAIR-ITS4100AFK Datasheet
703Kb / 2P
   Front Panel Mount Square Flange Receptacle Assembly
ITS4100AMB GLENAIR-ITS4100AMB Datasheet
703Kb / 2P
   Front Panel Mount Square Flange Receptacle Assembly
ITS4100FFK GLENAIR-ITS4100FFK Datasheet
841Kb / 2P
   Front Panel Mount Square Flange Receptacle Assembly
ITS4100FMB GLENAIR-ITS4100FMB Datasheet
841Kb / 2P
   Front Panel Mount Square Flange Receptacle Assembly
ITS4100GFK GLENAIR-ITS4100GFK Datasheet
703Kb / 2P
   Front Panel Mount Square Flange Receptacle Assembly
More results

Similar Description - ITS410E2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ITS621L1 INFINEON-ITS621L1 Datasheet
306Kb / 14P
   Smart Two Channel Highside Power Switch for Industrial Applications
2006-Mar-28
ITS711L1 INFINEON-ITS711L1 Datasheet
385Kb / 16P
   Smart Four Channel Highside Power Switch for Industrial Applications
2006-Mar-23
ITS612N1 INFINEON-ITS612N1 Datasheet
314Kb / 14P
   Smart Two Channel Highside Power Switch For Industrial Applications
2006-Mar-28
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
   Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS307 INFINEON-BTS307 Datasheet
273Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
BTS443P INFINEON-BTS443P Datasheet
225Kb / 13P
   Smart Highside Power Switch
2003-Oct-01
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
   Smart Highside Power Switch
2003-Oct-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com