Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP000221233 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SP000221233
Description  Smart Two Channel Highside Power Switch For Industrial Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP000221233 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SP000221233 Datasheet HTML 1Page - Infineon Technologies AG SP000221233 Datasheet HTML 2Page - Infineon Technologies AG SP000221233 Datasheet HTML 3Page - Infineon Technologies AG SP000221233 Datasheet HTML 4Page - Infineon Technologies AG SP000221233 Datasheet HTML 5Page - Infineon Technologies AG SP000221233 Datasheet HTML 6Page - Infineon Technologies AG SP000221233 Datasheet HTML 7Page - Infineon Technologies AG SP000221233 Datasheet HTML 8Page - Infineon Technologies AG SP000221233 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PROFET® ITS612N1
Parameter and Conditions, each channel
Symbol
Values
Unit
at Tj = 25 °C, Vbb = 12 V unless otherwise specified
min
typ
max
Infineon Technologies AG
4
2006-Mar-28
Operating Parameters
Operating voltage
5)
Tj =-40...+150°C: Vbb(on)
5.0
--
34
V
Undervoltage shutdown
Tj =-40...+150°C: Vbb(under)
3.5
--
5.0
V
Undervoltage restart
Tj =-40...+25°C:
Tj =+150°C:
Vbb(u rst)
--
--
5.0
7.0
V
Undervoltage restart of charge pump
see diagram page 12
Vbb(ucp)
--
5.6
7.0
V
Undervoltage hysteresis
∆Vbb(under) = Vbb(u rst) - Vbb(under)
∆Vbb(under)
--
0.2
--
V
Overvoltage shutdown
Tj =-40...+150°C: Vbb(over)
34
--
43
V
Overvoltage restart
Tj =-40...+150°C: Vbb(o rst)
33
--
--
V
Overvoltage hysteresis
Tj =-40...+150°C: ∆Vbb(over)
--
0.5
--
V
Overvoltage protection
6)
Tj =-40...+150°C:
Ibb=40 mA
Vbb(AZ)
42
47
--
V
Standby current (pin 4),
VIN=0
Tj=-40...+150°C:
Ibb(off)
--
90
150
µA
Operating current (Pin 2)7), VIN=5 V
both channels on, Tj =-40...+150°C,
IGND
--
0.6
1.2
mA
Operating current (Pin 2)7)
one channel on, Tj =-40...+150°C:,
IGND
--
0.4
0.7
mA
5)
At supply voltage increase up to Vbb= 5.6 V typ without charge pump, VOUT ≈Vbb - 2 V
6)
See also VON(CL) in table of protection functions and circuit diagram page 8.
7
)
Add IST, if IST > 0, add IIN, if VIN>5.5 V


Similar Part No. - SP000221233

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP000221231 INFINEON-SP000221231 Datasheet
248Kb / 12P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-28
SP000221232 INFINEON-SP000221232 Datasheet
248Kb / 12P
   Smart High-Side Power Switch for Industrial Applications
2006-Mar-28
More results

Similar Description - SP000221233

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ITS621L1 INFINEON-ITS621L1 Datasheet
306Kb / 14P
   Smart Two Channel Highside Power Switch for Industrial Applications
2006-Mar-28
ITS410E2 INFINEON-ITS410E2 Datasheet
323Kb / 15P
   Smart Highside Power Switch for Industrial Applications
2006-Mar-28
ITS711L1 INFINEON-ITS711L1 Datasheet
385Kb / 16P
   Smart Four Channel Highside Power Switch for Industrial Applications
2006-Mar-23
logo
Siemens Semiconductor G...
BTS611L1 SIEMENS-BTS611L1 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch
logo
Infineon Technologies A...
BTS611L1 INFINEON-BTS611L1 Datasheet
312Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS612N1 INFINEON-BTS612N1 Datasheet
308Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS707 INFINEON-BTS707 Datasheet
304Kb / 12P
   Smart Two Channel Highside Power Switch
2003-Oct-01
BTS621L1 INFINEON-BTS621L1 Datasheet
337Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com