Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITS716G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # ITS716G
Description  Smart High-Side Power Switch For Industrial Applications Four Channels: 4 x 140m?
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ITS716G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button ITS716G Datasheet HTML 5Page - Infineon Technologies AG ITS716G Datasheet HTML 6Page - Infineon Technologies AG ITS716G Datasheet HTML 7Page - Infineon Technologies AG ITS716G Datasheet HTML 8Page - Infineon Technologies AG ITS716G Datasheet HTML 9Page - Infineon Technologies AG ITS716G Datasheet HTML 10Page - Infineon Technologies AG ITS716G Datasheet HTML 11Page - Infineon Technologies AG ITS716G Datasheet HTML 12Page - Infineon Technologies AG ITS716G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PROFET® ITS 716G
Infineon Technologies AG
9 of 14
2006-Mar-23
Input circuit (ESD protection), IN1 to IN4
IN
GND
I
R
ESD-ZD
I
I
I
The use of ESD zener diodes as voltage clamp at DC
conditions is not recommended.
Status output, ST1/2 or ST3/4
ST
GND
ESD-
ZD
+5V
R ST(ON)
ESD-Zener diode: 6.1 V typ., max 0.3 mA; RST(ON) < 375 Ω
at 1.6 mA. The use of ESD zener diodes as voltage clamp at
DC conditions is not recommended.
Inductive and overvoltage output clamp,
OUT1...4
+Vbb
OUT
VZ
V ON
Power GND
VON clamped to VON(CL) = 47 V typ.
Overvolt. and reverse batt. protection
+ Vbb
IN
ST
ST
R
GND
GND
R
Signal GND
Logic
VZ2
I
R
VZ1
Load GND
Load
R
OUT
ST
R
+ 5V
VZ1 = 6.1 V typ., VZ2 = 47 V typ., RGND = 150 Ω,
RST= 15 kΩ, RI= 3.5 kΩ typ.
In case of reverse battery the load current has to be
limited by the load. Temperature protection is not
active
Open-load detection, OUT1...4
OFF-state diagnostic condition:
Open Load, if VOUT > 3 V typ.; IN low
Open load
detection
Logic
unit
VOUT
Signal GND
OFF
REXT
Vbb
GND disconnect
PROFET
V
IN
ST
OUT
GND
bb
V
bb
V
IN
V
ST
V
GND
Any kind of load. In case of IN = high is VOUT ≈ VIN - VIN(T+).
Due to VGND > 0, no VST = low signal available.


Similar Part No. - ITS716G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ITS716G INFINEON-ITS716G Datasheet
520Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-02
ITS716G INFINEON-ITS716G_08 Datasheet
520Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-02
More results

Similar Description - ITS716G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS716G INFINEON-BTS716G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 140m??Status Feedback
2003-Oct-01
ITS724G INFINEON-ITS724G Datasheet
432Kb / 14P
   Smart High-Side Power Switch For Industrial Applications Four Channels: 4 x 90m?
2006-Mar-28
BTS716GB INFINEON-BTS716GB Datasheet
320Kb / 16P
   Smart High-Side Power Switch Four Chanmels : 4 x 140m廓 Status Feedback
V1.0, 2007-05-13
BTS5210L INFINEON-BTS5210L Datasheet
240Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS5210G INFINEON-BTS5210G Datasheet
309Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 140m??Status Feedback
2003-Oct-01
BTS824R INFINEON-BTS824R Datasheet
334Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
BTS724G INFINEON-BTS724G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
BTS737S3 INFINEON-BTS737S3 Datasheet
294Kb / 15P
   Smart High-Side Power Switch Four Channels: 4 x 35m??Advanced Current Sense
2004-Feb-19
ISP742RI INFINEON-ISP742RI_08 Datasheet
324Kb / 19P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-24
ISP752T INFINEON-ISP752T_08 Datasheet
306Kb / 18P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com