Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITS724G Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # ITS724G
Description  Smart High-Side Power Switch For Industrial Applications Four Channels: 4 x 90m?
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ITS724G Datasheet(HTML) 4 Page - Infineon Technologies AG

  ITS724G Datasheet HTML 1Page - Infineon Technologies AG ITS724G Datasheet HTML 2Page - Infineon Technologies AG ITS724G Datasheet HTML 3Page - Infineon Technologies AG ITS724G Datasheet HTML 4Page - Infineon Technologies AG ITS724G Datasheet HTML 5Page - Infineon Technologies AG ITS724G Datasheet HTML 6Page - Infineon Technologies AG ITS724G Datasheet HTML 7Page - Infineon Technologies AG ITS724G Datasheet HTML 8Page - Infineon Technologies AG ITS724G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PROFET® ITS 724G
Infineon Technologies AG
4 of 14
2006-Mar-28
Maximum Ratings at Tj = 25°C unless otherwise specified
Parameter
Symbol
Values
Unit
Supply voltage (overvoltage protection see page 6)
Vbb
43
V
Supply voltage for full short circuit protection
Tj,start =-40 ...+150°C
Vbb
36
V
Load current (Short-circuit current, see page 6)
IL
self-limited
A
Load dump protection1) VLoadDump = VA + Vs, VA = 13.5 V
RI2) = 2
Ω, td = 400 ms; IN = low or high,
each channel loaded with RL = 13.5
Ω,
VLoaddump3)
60
V
Junction temperature
Operating temperature range
Storage temperature range
Tj
Ta
Tstg
+150
-30 ... +85
-40 ... +105
°C
Power dissipation (DC)4)
Ta = 25°C:
(all channels active)
Ta = 85°C:
Ptot
3.6
1.9
W
Maximal switchable inductance, single pulse
Vbb = 12V, Tj,start = 150°C4), see diagrams on page 10
IL = 3.3 A, EAS = 120 mJ, 0Ω
one channel:
IL = 4.7 A, EAS = 140 mJ, 0Ω
two parallel channels:
IL = 7.3 A, EAS = 160 mJ, 0Ω
four parallel channels:
ZL
16,5
19
18
mH
Electrostatic discharge capability (ESD)
IN:
(Human Body Model)
ST:
out to all other pins shorted:
acc. MIL-STD883D, method 3015.7 and ESD assn. std. S5.1-1993
R=1.5k
Ω; C=100pF
VESD
1.0
4.0
8.0
kV
Input voltage (DC) see internal circuit diagram page 9
VIN
-10 ... +16
V
Current through input pin (DC)
Pulsed current through input pin5)
Current through status pin (DC)
IIN
IINp
IST
±0.3
±5.0
±5.0
mA
1
) Supply voltages higher than Vbb(AZ) require an external current limit for the GND and status pins (a 150Ω
resistor for the GND connection is recommended.
2)
RI = internal resistance of the load dump test pulse generator
3)
VLoad dump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839
4
) Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm2 (one layer, 70µm thick) copper area for Vbb
connection. PCB is vertical without blown air. See page 14
5
) only for testing


Similar Part No. - ITS724G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ITS724G INFINEON-ITS724G Datasheet
321Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-07
ITS724G INFINEON-ITS724G_08 Datasheet
321Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-07
More results

Similar Description - ITS724G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS824R INFINEON-BTS824R Datasheet
334Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
BTS724G INFINEON-BTS724G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
ITS716G INFINEON-ITS716G Datasheet
432Kb / 14P
   Smart High-Side Power Switch For Industrial Applications Four Channels: 4 x 140m?
2006-Mar-23
BTS5215L INFINEON-BTS5215L Datasheet
240Kb / 14P
   Smart High-Side Power Switch Two Channels: 2 x 90m??Status Feedback
2003-Oct-01
BTS716G INFINEON-BTS716G Datasheet
402Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 140m??Status Feedback
2003-Oct-01
BTS737S3 INFINEON-BTS737S3 Datasheet
294Kb / 15P
   Smart High-Side Power Switch Four Channels: 4 x 35m??Advanced Current Sense
2004-Feb-19
ISP742RI INFINEON-ISP742RI_08 Datasheet
324Kb / 19P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-24
ISP752T INFINEON-ISP752T_08 Datasheet
306Kb / 18P
   Smart Power High-Side-Switch for Industrial Applications
Rev.1.1, 2008-09-26
ITS716G INFINEON-ITS716G_08 Datasheet
520Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-02
ITS724G INFINEON-ITS724G_08 Datasheet
321Kb / 16P
   Smart High-Side Power Switch For Industrial Applications
Rev. 1.1, 2008-10-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com