Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITS4141N Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # ITS4141N
Description  Smart High-Side Power Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ITS4141N Datasheet(HTML) 4 Page - Infineon Technologies AG

  ITS4141N Datasheet HTML 1Page - Infineon Technologies AG ITS4141N Datasheet HTML 2Page - Infineon Technologies AG ITS4141N Datasheet HTML 3Page - Infineon Technologies AG ITS4141N Datasheet HTML 4Page - Infineon Technologies AG ITS4141N Datasheet HTML 5Page - Infineon Technologies AG ITS4141N Datasheet HTML 6Page - Infineon Technologies AG ITS4141N Datasheet HTML 7Page - Infineon Technologies AG ITS4141N Datasheet HTML 8Page - Infineon Technologies AG ITS4141N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
2006-03-09
Page 4
ITS 4141N
Electrical Characteristics
Parameter
Symbol
Values
Unit
at Tj = -40...125 °C, Vbb = 15...30 V unless otherwise specified
min.
typ.
max.
Thermal Characteristics
Thermal resistance @ min. footprint
Rth(JA)
-
-
125
K/W
Thermal resistance @ 6 cm2 cooling area 1)
Rth(JA)
-
-
70
Thermal resistance, junction - soldering point
RthJS
-
-
7
K/W
Load Switching Capabilities and Characteristics
On-state resistance
Tj = 25 °C, IL = 0.5 A
Tj = 125 °C
RON
-
-
150
270
200
320
m
Nominal load current2)
Device on PCB 1)
IL(nom)
0.7
-
-
A
Turn-on time
to 90% VOUT
RL = 47 Ω, VIN = 0 to 10 V
ton
-
50
100
µs
Turn-off time
to 10% VOUT
RL = 47 Ω, VIN = 10 to 0 V
toff
-
75
150
Slew rate on
10 to 30% VOUT,
RL = 47 Ω, Vbb = 15 V
dV/dton
-
1
2
V/µs
Slew rate off
70 to 40% VOUT,
RL = 47 Ω, Vbb = 15 V
-dV/dtoff
-
1
2
1Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6 cm2 (one layer, 70µm thick) copper area for Vbb
connection. PCB is vertical without blown air.
2Nominal load current is limited by the current limitation ( see page 5 )


Similar Part No. - ITS4141N

ManufacturerPart #DatasheetDescription
logo
C&K Components
ITS4141-F-V1-S-TR CK-COMPONENTS-ITS4141-F-V1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4141-FR1-S-TR CK-COMPONENTS-ITS4141-FR1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4141-FR2-S-TR CK-COMPONENTS-ITS4141-FR2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4141-FR3N-S-TR CK-COMPONENTS-ITS4141-FR3N-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4141-FV2-S-TR CK-COMPONENTS-ITS4141-FV2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
More results

Similar Description - ITS4141N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com