Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040-S4535 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # Q67040-S4535
Description  High Speed IGBT in NPT-technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67040-S4535 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button Q67040-S4535 Datasheet HTML 3Page - Infineon Technologies AG Q67040-S4535 Datasheet HTML 4Page - Infineon Technologies AG Q67040-S4535 Datasheet HTML 5Page - Infineon Technologies AG Q67040-S4535 Datasheet HTML 6Page - Infineon Technologies AG Q67040-S4535 Datasheet HTML 7Page - Infineon Technologies AG Q67040-S4535 Datasheet HTML 8Page - Infineon Technologies AG Q67040-S4535 Datasheet HTML 9Page - Infineon Technologies AG Q67040-S4535 Datasheet HTML 10Page - Infineon Technologies AG Q67040-S4535 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SGB15N60HS
^
Power Semiconductors
10
Rev 2.1
Jan 05
Figure A. Definition of switching times
Figure B. Definition of switching losses
I
rr m
90% I
rr m
10% I
rrm
di /dt
F
t
rr
I
F
i,v
t
Q
S
Q
F
t
S
t
F
V
R
di
/dt
rr
Q=Q
Q
rr
S
F
+
t=t
t
rr
S
F
+
Figure C. Definition of diodes
switching characteristics
p(t)
12
n
T(t)
j
τ1
1
τ2
2
n
n
τ
TC
rr
r
r
r
r
Figure D. Thermal equivalent
circuit
Figure E. Dynamic test circuit
Leakage inductance Lσ =60nH
and Stray capacity Cσ =40pF.
Published by


Similar Part No. - Q67040-S4535

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67040-S4503 INFINEON-Q67040-S4503 Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
Q67040-S4504 INFINEON-Q67040-S4504 Datasheet
385Kb / 12P
   FAST IGBT IN NPT TECHNOLOGY
Jul-02
Q67040-S4505 INFINEON-Q67040-S4505 Datasheet
385Kb / 12P
   FAST IGBT IN NPT TECHNOLOGY
Jul-02
Q67040-S4506 INFINEON-Q67040-S4506 Datasheet
438Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Sep-02
Q67040-S4511 INFINEON-Q67040-S4511 Datasheet
204Kb / 8P
   Silicon Carbide Schottky Diode
Rev. 2.0 2004-03-22
More results

Similar Description - Q67040-S4535

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SGP20N60HS INFINEON-SGP20N60HS Datasheet
426Kb / 11P
   High Speed IGBT in NPT-technology
Rev.2 Aug-02
SGW50N60HS INFINEON-SGW50N60HS Datasheet
331Kb / 11P
   High Speed IGBT in NPT-technology
Rev. 2.1 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SIGC25T60UN INFINEON-SIGC25T60UN Datasheet
76Kb / 4P
   HIGHT SPEED IGBT CHIP IN NPT-TECHNOLOGY
Edition2, 28.11.2003
SIGC15T60UN INFINEON-SIGC15T60UN Datasheet
68Kb / 4P
   High Speed IGBT Chip in NPT-technology positive temperature coefficient
28.11.2003
SIGC07T60UN INFINEON-SIGC07T60UN Datasheet
70Kb / 4P
   High Speed IGBT Chip in NPT-technology positive temperature coefficient
28.11.2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com