Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTB-84M4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HTB-84M4
Description  HTB Panel Mount Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HTB-84M4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HTB-84M4 Datasheet HTML 1Page - List of Unclassifed Manufacturers HTB-84M4 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fuseholders
HTB Panel Mount Series
Visit us on the Web at www.cooperET.com
3601 Quantum Boulevard Boynton Beach, Florida 33426-8638
Tel: +1-561-752-5000 Toll Free: +1-888-414-2645 Fax: +1-561-742-1178
This bulletin is intended to present product design solutions and technical information that will help the end user with design applications. Cooper
Electronic Technologies reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of
any products. Cooper Electronic Technologies also reserves the right to change or update, without notice, any technical information contained in this
bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
OC-2580 5/02
© Cooper Electronic
Technologies 2002
PACKAGING CODE
Packaging Code
Description
Blank
10 pieces of fuseholders packed into a carton
BK
100 pieces of fuseholders packed into a cardboard shelf package
S
Packing
(Blank) – Std.
BK/ – Bulk
Rear Terminal Configuration
2 — Solder /‹Ω¡§∑ Quick-Connect
Solder /‹Ω¡§∑ Quick-Connect
(In-Line)
4 —
(Right Angle)
6 — ⁄Ω¢∑ Quick-Connect (In-Line)
8 — ⁄Ω¢∑ Quick-Connect (Right Angle)
Fuse Carrier
I — ⁄Ω¢∑ x 1-1⁄Ω¢∑
M — 5mm x 20mm
Splash Proof
(Optional on -2,
-4, -6, and -8)
Body Configuration and Mounting
Finger Grip Holders
2 — Low Profile (Rear Panel Hex-Nut)
4 — High Profile
* 6 — (Front Panel Hex-Nut)
8 — Low Profile (Snap-In)
Screwdriver Slotted Holders
3 — Low Profile
5 — High Profile
9 — Low Profile (Snap-In)
Product
Symbol
HTB-
Packaging
(Blank) – Std.
BK/ – Bulk
Fuse Carrier
I — ⁄Ω¢∑ x 1⁄Ω¢∑
M — 5mm x 20mm
Product
Symbol
FT — Knob Type
(For 20, 40, 60,
and 80 Series
Only)
ST — Screwdriver
Slotted (For 30,
50, and 90 Series
Only)
P
*Profile varies with panel thickness. Holder installs thru rear of panel.
FUSE CARRIER ONLY
Ordering Information
HTB-3
HTB-5
HTB-9
0.17"
(4.37mm)
1.58"
(40.03mm)
0.17"
(4.37mm)
1.59"
(40.08mm)
0.41"
(10.31mm)
1.34"
(34.13mm)
0.34"
(8.7mm)
0.33"
(8.3mm)
0.47"
(11.9mm)
0.45"
(11.5mm)
Dimensional Data
Terminal Options
Knob Type Carrier
Solder/
Carrier Options
‹Ω¡§∑ Quick-Connect
⁄Ω¢∑ Quick-Connect
⁄Ω¢∑ ≈ 1⁄Ω¢∑
5mm ≈ 20mm
In-Line
Rt. Angle
In-Line
Rt. Angle
(“I” Equals Inches)
(“M” Equals Metric)
Common Dimensional Data:
Screwdriver
Screwdriver
Length (Knob Type) - 1.69∑
(42.9mm) Plus In-Line Terminal
(Screwdriver Slotted)
1.75∑ (44.5mm)
NOTE: Plus In-Line Terminal
HTB-32I
HTB-34I
HTB-36I
HTB-38I
HTB-32M
HTB-34M
HTB-36M
HTB-38M
HTB-52I
HTB-54I
HTB-56I
HTB-58I
HTB-52M
HTB-54M
HTB-56M
HTB-58M
HTB-92I
HTB-94I
HTB-96I
HTB-98I
HTB-92M
HTB-94M
HTB-96M
HTB-98M
Fuseholders and fuse carriers may be ordered separately.
0.30∑
7.62mm
0.125∑
3.18mm
0.125∑
3.18mm
Maximum
Panel
Thickness
Low Profile
Rear Hex Nut
High Profile
Rear Hex Nut
Low-Profile
Snap-In


Similar Part No. - HTB-84M4

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HTB-84M-R COOPER-HTB-84M-R Datasheet
358Kb / 3P
   HTB Panel Mount Series
logo
Eaton All Rights Reserv...
HTB-84M-R EATON-HTB-84M-R Datasheet
341Kb / 2P
   1/4 x 1 1/4 and 5 mm x 20 mm Panel-mount fuse holders
More results

Similar Description - HTB-84M4

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
BK-HTB-32M-R COOPER-BK-HTB-32M-R Datasheet
358Kb / 3P
   HTB Panel Mount Series
logo
LEM
HTB50-P LEM-HTB50-P Datasheet
66Kb / 2P
   Current Transducers HTB 50~400-P and HTB 50~100-TP
HTB-200-P LEM-HTB-200-P Datasheet
551Kb / 3P
   Current Transducer HTB 50 .. 400 - P and HTB 50 .. 100 - TP
HTB50-TP LEM-HTB50-TP Datasheet
77Kb / 2P
   Current Transducers HTB 50~400-P and HTB 50~100-TP
HTB-100-TP LEM-HTB-100-TP Datasheet
551Kb / 3P
   Current Transducer HTB 50 .. 400 - P and HTB 50 .. 100 - TP
HTB100-P LEM-HTB100-P Datasheet
63Kb / 2P
   Current Transducers HTB 50~400-P/SP5 and HTB 50~100-TP/SP5
logo
Cooper Bussmann, Inc.
HKP-OO COOPER-HKP-OO Datasheet
158Kb / 2P
   HKP Panel-Mount Series
FHN26G1 COOPER-FHN26G1 Datasheet
158Kb / 2P
   HKP Panel-Mount Series
HKP-HH COOPER-HKP-HH Datasheet
158Kb / 2P
   HKP Panel-Mount Series
logo
Lite-On Technology Corp...
HA-1101-24LF LITEON-HA-1101-24LF Datasheet
399Kb / 3P
   Industrial Automation Panel Mount Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com