Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCA-325-VV8 Datasheet(PDF) 4 Page - Tyco Electronics

Part # FCA-325-VV8
Description  Mid-Range Military/Aerospace Relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FCA-325-VV8 Datasheet(HTML) 4 Page - Tyco Electronics

  FCA-325-VV8 Datasheet HTML 1Page - Tyco Electronics FCA-325-VV8 Datasheet HTML 2Page - Tyco Electronics FCA-325-VV8 Datasheet HTML 3Page - Tyco Electronics FCA-325-VV8 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
19
TERMINAL WIRING
HOW TO ORDER
(EXAMPLE)
RELAY TYPE
TERMINALS (Socket Pins, DC Coil)
ENCLOSURE (With Flanges)
COIL (28 VDC With Transient Suppression).
NOTE: Only DC coil models are QPL Approved
DC COILS
NOTE: Polarity must be observed with DC coil supply.
Relay is polarized with a permanent magnet and will not
operate or be damaged by reverse polarity.
Diodes used in transient suppression and in AC rectifier
circuits have peak inverse voltage rating of 600 VDC
minimum. Zener diodes have a minimum rating of 1 watt.
Terminal designations are for reference only and do not
appear on the header.
BLUE BEAD
+
+
-
X2
X1
A
B
C
1
23
BLUE BEAD
X2
X1
A
B
C
1
23
BLUE BEAD
+
+
-
X2
X1
A
B
C
1
23
DC COILS WITH
TRANSIENT SUPPRESSION
AC COILS
AC
-X2
+X1
.600
(15.24)
.300
(7.62)
.150
(3.81)
.450
(11.43)
TERMINAL LAYOUT
BLUE BEAD
.234
(5.94)
.630
(16.00)
.432
(10.97)
FCA-325-A Y 4
FCA-325
25 AMPERES, 3PDT
SERIES
Tyco Electronics Mid-Range Military/Aerospace Relays


Similar Part No. - FCA-325-VV8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FCA-325-BZ4 MACOM-FCA-325-BZ4 Datasheet
147Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays 10 AMPERES, DPDT
More results

Similar Description - FCA-325-VV8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FCA-210 ETC2-FCA-210 Datasheet
144Kb / 4P
   Mid-Range Military/Aerospace Relays
FCA-125 ETC2-FCA-125 Datasheet
112Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays
logo
Tyco Electronics
FCA-325-BZ4 MACOM-FCA-325-BZ4 Datasheet
147Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays 10 AMPERES, DPDT
logo
List of Unclassifed Man...
FCB-205 ETC2-FCB-205 Datasheet
83Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays 5 AMPERES, DPDT
logo
Tyco Electronics
HFW1201K00 MACOM-HFW1201K00 Datasheet
92Kb / 2P
   Military Aerospace High Performance Relays
HFW1130K06 MACOM-HFW1130K06 Datasheet
122Kb / 2P
   Military/Aerospace High Performance Relays
logo
Pulse A Technitrol Comp...
T-330SCT PULSE-T-330SCT Datasheet
377Kb / 4P
   MILITARY/AEROSPACE
logo
ITT Industries
D20419-80 ITT-D20419-80 Datasheet
8Mb / 386P
   Military/Aerospace
logo
Littelfuse
M83530 LITTELFUSE-M83530 Datasheet
78Kb / 10P
   Varistor Products - Aerospace and Military
logo
ITT Industries
M83723 ITT-M83723 Datasheet
69Kb / 1P
   Circular; Aerospace Commercial Industrial Military
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com