Electronic Components Datasheet Search |
|
Q67050-A4171-A001 Datasheet(PDF) 2 Page - Infineon Technologies AG |
|
Q67050-A4171-A001 Datasheet(HTML) 2 Page - Infineon Technologies AG |
2 / 4 page Preliminary SIDC01D120H6 Edited by INFINEON Technologies AI PS DD HV3, L 4002S, Edition 1, 8.01.2002 Maximum Ratings Parameter Symbol Condition Value Unit Repetitive peak reverse voltage V RRM 1200 V Continuous forward current limited by Tjmax I F 0.6 Single pulse forward current (depending on wire bond configuration) I FSM tP = 10 ms sinusoidal tbd Maximum repetitive forward current limited by Tjmax I FRM 1.2 A Operating junction and storage temperature Tj , Tstg -55...+150 °C Static Electrical Characteristics (tested on chip), Tj=25 °C, unless otherwise specified Value Parameter Symbol Conditions min. Typ. max. Unit Reverse leakage current I R V R=1200V Tj=25 ° C 27 µA Cathode-Anode breakdown Voltage V Br I R= mA Tj=25°C 1200 V Forward voltage drop V F I F=0.6A Tj=25 ° C 1.6 V Dynamic Electrical Characteristics, at Tj = 25 °C, unless otherwise specified, tested at component Value Parameter Symbol Conditions min. Typ. max. Unit t rr1 IF=0.6A Tj =25°C tbd Reverse recovery time t rr2 di/dt=600A/ µs VR=600V Tj =125°C ns I RRM1 Tj =25°C 1.5 Peak recovery current I RRM2 IF=0.6A di/dt=600A/ µs VR= 600V Tj =125°C 2.5 A Qrr1 Tj=25 ° C 0.4 Reverse recovery charge Qrr2 IF=0.6A di/dt=600A/ µs VR= 600V Tj=125 ° C 0.9 µC dirr1/dt Tj= 25 ° C tbd Peak rate of fall of reverse recovery current dirr2/dt IF=0.6A di/dt=600A/ µs VR= 600V Tj=125 ° C A/ µs S1 Tj=25 ° C tbd Softness S2 IF=0.6A di/dt=600A/ µs VR= 600V Tj=125 ° C 1 |
Similar Part No. - Q67050-A4171-A001 |
|
Similar Description - Q67050-A4171-A001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |