Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV16241DL Datasheet(PDF) 6 Page - NXP Semiconductors

Part # AV16241DL
Description  2.5V/3.3V ALVT 16-bit buffer/driver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AV16241DL Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button AV16241DL Datasheet HTML 2Page - NXP Semiconductors AV16241DL Datasheet HTML 3Page - NXP Semiconductors AV16241DL Datasheet HTML 4Page - NXP Semiconductors AV16241DL Datasheet HTML 5Page - NXP Semiconductors AV16241DL Datasheet HTML 6Page - NXP Semiconductors AV16241DL Datasheet HTML 7Page - NXP Semiconductors AV16241DL Datasheet HTML 8Page - NXP Semiconductors AV16241DL Datasheet HTML 9Page - NXP Semiconductors AV16241DL Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74ALVT16241
2.5V/3.3V 16-bit buffer/driver (3-State)
1998 Feb 13
6
DC ELECTRICAL CHARACTERISTICS (2.5V
"0.2V RANGE)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VIK
Input clamp voltage
VCC = 2.3V; IIK = –18mA
–0.85
–1.2
V
VOH
High-level output voltage
VCC = 2.3 to 3.6V; IOH = –100µA
VCC–0.2
VCC
V
VOH
High-level out ut voltage
VCC = 2.3V; IOH = –8mA
1.8
2.1
V
VOL
Low-level output voltage
VCC = 2.3V; IOL = 100µA
0.07
0.2
V
VOL
Low-level out ut voltage
VCC = 2.3V; IOL = 24mA
0.3
0.5
V
VCC = 2.7V; VI = VCC or GND
Control pins
0.1
±1
I
Input leakage current
VCC = 0 or 2.7V; VI = 5.5V
0.1
10
µA
II
Input leakage current
VCC =2 7V; VI =VCC
4
01
1
µA
VCC = 2.7V; VI = VCC
Data pins4
0.1
1
VCC = 2.7V; VI = 0
Data ins4
0.1
-5
IOFF
Off current
VCC = 0V; VI or VO = 0 to 4.5V
0.1
"100
µA
IHOLD
Bus Hold current
VCC = 2.5V; VI = 0.7V
90
µA
IHOLD
Data inputs6
VCC = 2.5V; VI = 1.7V
–70
µA
IEX
Current into an output in the
High state when VO > VCC
VO = 5.5V; VCC = 2.3V
10
125
µA
IPU/PD
Power up/down 3-State output
current3
VCC ≤ 1.2V; VO = 0.5V to VCC; VI = GND or VCC
OE/OE = Don’t care
1
"100
µA
IOZH
3-State output High current
VCC = 2.7V; VO = 2.3V; VI = VIL or VIH
0.5
5
µA
IOZL
3-State output Low current
VCC = 2.7V; VO = 0.5V; VI = VIL or VIH
0.5
–5
µA
ICCH
VCC = 2.7V; Outputs High, VI = GND or VCC, IO = 0
0.04
0.1
ICCL
Quiescent supply current
VCC = 2.7V; Outputs Low, VI = GND or VCC, IO = 0
2.3
4.5
mA
ICCZ
VCC = 2.7V; Outputs Disabled; VI = GND or VCC, IO = 05
0.04
0.1
∆ICC
Additional supply current per
input pin2
VCC = 2.3V to 2.7V; One input at VCC–0.6V,
Other inputs at VCC or GND
0.01
0.4
mA
NOTES:
1. All typical values are at VCC = 2.5V and Tamb = 25°C.
2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND
3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2V to VCC = 2.5V ± 0.2V a
transition time of 100
µsec is permitted. This parameter is valid for Tamb = 25°C only.
4. Unused pins at VCC or GND.
5. ICCZ is measured with outputs pulled up to VCC or pulled down to ground.
6. Not guaranteed.
AC CHARACTERISTICS (2.5V
"0.2V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.5V "0.2V
UNIT
MIN
TYP1
MAX
tPLH
tPHL
Propagation delay
nAx to nYx
1
0.5
0.5
1.6
1.6
2.6
2.7
ns
tPZH
tPZL
Output enable time
to High and Low level
2
1.5
1.0
3.1
2.2
5.1
4.1
ns
tPHZ
tPLZ
Output disable time
from High and Low Level
2
1.0
0.5
2.9
2.3
5.7
5.0
ns
NOTE:
1. All typical values are at VCC = 2.5V and Tamb = 25°C.


Similar Part No. - AV16241DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AV16244DGG PHILIPS-AV16244DGG Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Oct 07
AV16244DL PHILIPS-AV16244DL Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Oct 07
AV16245DGG PHILIPS-AV16245DGG Datasheet
95Kb / 12P
   2.5V/3.3V ALVT 16-bit transceiver 3-State
1998 Feb 13
AV16245DL PHILIPS-AV16245DL Datasheet
95Kb / 12P
   2.5V/3.3V ALVT 16-bit transceiver 3-State
1998 Feb 13
More results

Similar Description - AV16241DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16245 PHILIPS-74ALVT16245 Datasheet
95Kb / 12P
   2.5V/3.3V ALVT 16-bit transceiver 3-State
1998 Feb 13
74ALVT16244 PHILIPS-74ALVT16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Oct 07
74ALVT16244 PHILIPS-74ALVT16244_15 Datasheet
89Kb / 10P
   2.5V/3.3V 16-bit buffer/driver (3-State)
1998 Oct 07
74ALVT16827 PHILIPS-74ALVT16827 Datasheet
82Kb / 10P
   2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
74ALVT16541 PHILIPS-74ALVT16541 Datasheet
81Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Feb 13
74ALVT16543 PHILIPS-74ALVT16543 Datasheet
100Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
74ALVT16952 PHILIPS-74ALVT16952 Datasheet
98Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Mar 19
74ALVC16244 PHILIPS-74ALVC16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
74ALVT162245 PHILIPS-74ALVT162245 Datasheet
89Kb / 10P
   2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT16841 PHILIPS-74ALVT16841 Datasheet
96Kb / 14P
   2.5V/3.3V ALVT 20-bit bus interface latch 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com