Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIDC06D120H6 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SIDC06D120H6
Description  Fast switching diode chip in EMCON-Technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SIDC06D120H6 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SIDC06D120H6 Datasheet HTML 1Page - Infineon Technologies AG SIDC06D120H6 Datasheet HTML 2Page - Infineon Technologies AG SIDC06D120H6 Datasheet HTML 3Page - Infineon Technologies AG SIDC06D120H6 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Preliminary
SIDC06D120H6
Edited by INFINEON Technologies AI PS DD HV3, L 4342S, Edition 1, 8.01.2002
Fast switching diode chip in EMCON-Technology
This chip is used for:
EUPEC power modules and
discrete devices
FEATURES:
1200V EMCON technology 120 µm chip
soft, fast switching
low reverse recovery charge
small temperature coefficient
Applications:
SMPS, resonant applications,
drives
A
C
Chip Type
VR
IF
Die Size
Package
Ordering Code
SIDC06D120H6
1200V
7.5A
2.45 x 2.45 mm
2
sawn on foil
Q67050-A4150-
A001
MECHANICAL PARAMETER:
Raster size
2.45 x 2.45
Area total / active
6 / 3.24
Anode pad size
1.73 x 1.73
mm
2
Thickness
120
µm
Wafer size
150
mm
Flat position
180
deg
Max. possible chips per wafer
2520 pcs
Passivation frontside
Photoimide
Anode metallisation
3200 nm AlSiCu
Cathode metallisation
1400 nm Ni Ag –system
suitable for epoxy and soft solder die bonding
Die bond
electrically conductive glue or solder
Wire bond
Al,
≤500µm
Reject Ink Dot Size
∅ 0.65mm ; max 1.2mm
Recommended Storage Environment
store in original container, in dry nitrogen,
< 6 month at an ambient temperature of 23°C


Similar Part No. - SIDC06D120H6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC06D120H8 INFINEON-SIDC06D120H8 Datasheet
210Kb / 5P
   Fast switching diode chip in Emitter Controlled Technology
Rev 2.1, 14.10.2015
More results

Similar Description - SIDC06D120H6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC14D60F6 INFINEON-SIDC14D60F6 Datasheet
69Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 2, 14.05.2003
SIDC14D120E6 INFINEON-SIDC14D120E6 Datasheet
69Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
SIDC23D120E6 INFINEON-SIDC23D120E6 Datasheet
246Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
SIDC30D120E6 INFINEON-SIDC30D120E6 Datasheet
210Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
SIDC56D60E6 INFINEON-SIDC56D60E6 Datasheet
67Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
SIDC56D120F6 INFINEON-SIDC56D120F6 Datasheet
67Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
SIDC02D60F6 INFINEON-SIDC02D60F6 Datasheet
71Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 2, 14.05.2003
SIDC07D60AF6 INFINEON-SIDC07D60AF6 Datasheet
68Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 2, 14.05.2003
SIDC08D120F6 INFINEON-SIDC08D120F6 Datasheet
73Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
SIDC09D60E6 INFINEON-SIDC09D60E6 Datasheet
67Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 2, 20.07.04
SIDC30D120H6 INFINEON-SIDC30D120H6 Datasheet
210Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com