Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVT162731 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALVT162731
Description  2.5V/3.3V 1-to-4 address register/driver with 30ohm termination resistors 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT162731 Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALVT162731 Datasheet HTML 1Page - NXP Semiconductors 74ALVT162731 Datasheet HTML 2Page - NXP Semiconductors 74ALVT162731 Datasheet HTML 3Page - NXP Semiconductors 74ALVT162731 Datasheet HTML 4Page - NXP Semiconductors 74ALVT162731 Datasheet HTML 5Page - NXP Semiconductors 74ALVT162731 Datasheet HTML 6Page - NXP Semiconductors 74ALVT162731 Datasheet HTML 7Page - NXP Semiconductors 74ALVT162731 Datasheet HTML 8Page - NXP Semiconductors 74ALVT162731 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74ALVT162731
2.5V/3.3V 1-to-4 address register/driver with 30
termination resistors (3-State)
1999 Mar 23
3
PIN CONFIGURATION
GND
3Y3
VCC
GND
4Y1
GND
CLK
VCC
VCC
A7
4Y4
VCC
VCC
GND
Vcc
GND
GND
3Y6
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
3Y1
2Y1
1Y1
A1
A2
A3
OE1
OE2
SEL
A4
A5
A6
GND
4Y7
3Y7
2Y7
1Y7
4Y6
1Y2
2Y2
4Y2
3Y2
1Y3
2Y3
GND
4Y3
VCC
1Y4
2Y4
GND
3Y4
GND
1Y5
2Y5
3Y5
4Y5
1Y6
2Y6
SV01733
FUNCTION TABLE
INPUTS
OUTPUTS
OE
SEL
CLK
A
Y
H
X
X
X
Z
L
H
X
L
L
L
H
X
H
H
L
L
L
L
L
L
H
H
SCHEMATIC OF EACH OUTPUT
VCC
VCC
OUTPUT
27
27
SW00007
LOGIC DIAGRAM
SV01734
OE1
OE2
CLK
A1
SEL
CLK
To six other channels
1Y1
2Y1
3Y1
4Y1


Similar Part No. - 74ALVT162731

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162240DGG PHILIPS-74ALVT162240DGG Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162240DL PHILIPS-74ALVT162240DL Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162241DGG PHILIPS-74ALVT162241DGG Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
More results

Similar Description - 74ALVT162731

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT162344 PHILIPS-74ALVT162344 Datasheet
91Kb / 12P
   2.5V/3.3V 1-to-4 address driver with 30ohm termination resistors 3-State
1998 Jun 30
74ALVT16731 PHILIPS-74ALVT16731 Datasheet
87Kb / 12P
   2.5V/3.3V 1-to-4 address register/driver 3-State
1999 Mar 23
74ALVT162244 PHILIPS-74ALVT162244 Datasheet
86Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Oct 07
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT16344 PHILIPS-74ALVT16344 Datasheet
88Kb / 12P
   2.5V/3.3V 1-to-4 address driver 3-State
1998 Jun 30
74ALVT16344 NXP-74ALVT16344 Datasheet
93Kb / 12P
   2.5V/3.3V 1-to-4 address driver (3-State)
1998 Jun 30
74ALVT162245 PHILIPS-74ALVT162245 Datasheet
89Kb / 10P
   2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
logo
Texas Instruments
SN74ALVCH16831 TI-SN74ALVCH16831 Datasheet
131Kb / 9P
[Old version datasheet]   1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16831 HITACHI-HD74ALVCH16831 Datasheet
60Kb / 12P
   1-to 4 Address Register / Driver with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH16831 RENESAS-HD74ALVCH16831 Datasheet
2Mb / 12P
   1-to 4 Address Register / Driver with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com