Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVT16260DGG Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74ALVT16260DGG
Description  12-bit to 24-bit multiplexed D-type latches 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16260DGG Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74ALVT16260DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVT16260DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVT16260DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVT16260DGG Datasheet HTML 9Page - NXP Semiconductors 74ALVT16260DGG Datasheet HTML 10Page - NXP Semiconductors 74ALVT16260DGG Datasheet HTML 11Page - NXP Semiconductors 74ALVT16260DGG Datasheet HTML 12Page - NXP Semiconductors 74ALVT16260DGG Datasheet HTML 13Page - NXP Semiconductors 74ALVT16260DGG Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Philips Semiconductors
Product specification
74ALVT16260
2.5V/3.3V 12-bit to 24-bit multiplexed D-type latches
(3-State)
1998 Jan 30
10
AC WAVEFORMS
VM = 1.5V for all waveforms
The outputs are measured one at a time with one transition per measurement.
tw
VM
VM
3V
0V
INPUT
SA00437
Figure 1. Pulse duration
VM
VM
3V
0V
INPUT
tPLH
VM
VM
VOH
VOL
tPHL
VOH
VOL
VM
VM
tPHL
tPLH
OUTPUT
OUTPUT
SA00438
All input pulses are supplied by generators having the following
characteristics: PRR
≤ 10MHz, ZO = 50Ω, tr ≤ 2.5ns, tf ≤ 2.5ns.
Figure 2. Propagation delay times;
inverting and non-inverting outputs
VM
VM
3V
0V
DATA INPUT
0V
3V
TIMING INPUT
VM
tsu
th
SA00439
Figure 3. Setup and hold times
VM
VM
3V
0V
OUTPUT
CONTROL
tPZL
VM
VOL + 0.3V
3.5V
VOL
tPLZ
VOH
≈0V
VOH – 0.3V
tPZH
tPHZ
OUTPUT
WAVEFORM 1
S1 AT 7V
VM
OUTPUT
WAVEFORM 2
S1 AT OPEN
SA00440
Waveform 1 is for an output with internal conditions such that the
output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the
output is high except when disabled by the output control.
Figure 4. Enable and disable times;
low- and high-level enabling
TEST LOAD CIRCUIT
CL = 50pF
(INCLUDES PROBE AND
JIG CAPACITANCE)
500
500
FROM OUTPUT UNDER TEST
S1
7V
OPEN
GND
Load Circuit for Outputs
TEST
S1
tPLH/tPHL
Open
tPLZ/tPZL
7V
tPHZ/tPZH
Open
SA00441
Figure 5. Test load circuit


Similar Part No. - 74ALVT16260DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT162240 PHILIPS-74ALVT162240 Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162240DGG PHILIPS-74ALVT162240DGG Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162240DL PHILIPS-74ALVT162240DL Datasheet
86Kb / 10P
   16-bit inverting buffer/driver with 30ohm termination resistors (3-State)
1998 Feb 13
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162241DGG PHILIPS-74ALVT162241DGG Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
More results

Similar Description - 74ALVT16260DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16260 PHILIPS-74ABT16260 Datasheet
79Kb / 12P
   12-bit to 24-bit multiplexed D-type latches 3-State
1998 Feb 10
logo
Texas Instruments
SN54ABT16260 TI-SN54ABT16260 Datasheet
123Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162260 HITACHI-HD74ALVCH162260 Datasheet
61Kb / 15P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
HD74ALVCH16260 HITACHI-HD74ALVCH16260 Datasheet
57Kb / 12P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16260 TI1-SN54ABT16260_08 Datasheet
324Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABTH162260 TI1-SN54ABTH162260_08 Datasheet
361Kb / 12P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH SERIES-DAMPING RESISTORS AND 3-STATE OUTPUTS
SN54ABTH162260 TI-SN54ABTH162260 Datasheet
138Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH SERIES-DAMPING RESISTORS AND 3-STATE OUTPUTS
SN74ALVC16260 TI1-SN74ALVC16260 Datasheet
159Kb / 9P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16260 TI-SN74ALVCH16260 Datasheet
134Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16260 PERICOM-PI74ALVCH16260 Datasheet
280Kb / 5P
   12-Bit To 24-Bit Multiplexed D-Type Latch with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com