Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVT16344 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVT16344
Description  2.5V/3.3V 1-to-4 address driver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16344 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVT16344 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16344 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16344 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16344 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16344 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16344 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16344 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16344 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16344 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74ALVT16344
2.5V/3.3V 1-to-4 address driver (3-State)
2
1998 Jun 30
853-2088 19651
FEATURES
Multiple V
CC and GND pins minimize switching noise
5V I/O Compatible
Live insertion/extraction permitted
3-State output buffers
Power-up 3-State
Output capability: +64mA/-32mA
Latch-up protection exceeds 500mA per Jedec JC40.2 Std 17
ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
DESCRIPTION
The 74ALVT16344 high-performance BiCMOS device combines
low static and dynamic power dissipation with high speed and high
output drive. It is designed for VCC operation at 2.5V or 3.3V with I/O
compatibility to 5V.
The 74ALVT16344 is a 1-to-4 address driver used in applications
where four separate memory locations must be addressed by a
single address.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
SYMBOL
PARAMETER
Tamb = 25°C
2.5V
3.3V
UNIT
tPLH
tPHL
Propagation delay
nAx to nBx or nBx to nAx
CL = 50pF
2.5
1.9
1.9
1.6
ns
CIN
Input capacitance DIR, OE
VI = 0V or VCC
3
3
pF
COut
Output capacitance
VI/O = 0V or VCC
9
9
pF
ICCZ
Total supply current
Outputs disabled
40
70
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
56-Pin Plastic SSOP Type III
–40
°C to +85°C
74ALVT16344 DL
AV16344 DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ALVT16344 DGG
AV16344 DGG
SOT364-1
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
8, 14, 15, 21, 36, 42, 43, 49
nA
Data inputs
2, 3, 5, 6, 9, 10, 12, 13, 16, 17, 19, 20, 23,
24, 26, 27, 30,31, 33, 34, 37, 38, 40, 44, 45,
47, 48, 51, 52, 54, 55,
nYX
Data outputs
1, 28, 29, 56
OE
Output enable inputs (active-Low)
4, 11, 18, 25, 32, 39, 46, 53
GND
Ground (0V)
7, 22, 35, 50
VCC
Positive supply voltage


Similar Part No. - 74ALVT16344

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16344 NXP-74ALVT16344 Datasheet
93Kb / 12P
   2.5V/3.3V 1-to-4 address driver (3-State)
1998 Jun 30
More results

Similar Description - 74ALVT16344

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16344 NXP-74ALVT16344 Datasheet
93Kb / 12P
   2.5V/3.3V 1-to-4 address driver (3-State)
1998 Jun 30
74ALVT16731 PHILIPS-74ALVT16731 Datasheet
87Kb / 12P
   2.5V/3.3V 1-to-4 address register/driver 3-State
1999 Mar 23
74ALVT162344 PHILIPS-74ALVT162344 Datasheet
91Kb / 12P
   2.5V/3.3V 1-to-4 address driver with 30ohm termination resistors 3-State
1998 Jun 30
74ALVT162731 PHILIPS-74ALVT162731 Datasheet
94Kb / 12P
   2.5V/3.3V 1-to-4 address register/driver with 30ohm termination resistors 3-State
1999 Mar 23
logo
Pericom Semiconductor C...
PI74AVC16345 PERICOM-PI74AVC16345 Datasheet
474Kb / 10P
   2.5V, Registered 1-Bit to 4-Bit Address Driver w/3-State Outputs
logo
Renesas Technology Corp
HD74ALVCH16832 RENESAS-HD74ALVCH16832 Datasheet
2Mb / 12P
   1-to-4 Address Register / Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16832 TI-SN74ALVCH16832 Datasheet
124Kb / 9P
[Old version datasheet]   1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16832 TI1-SN74ALVCH16832_08 Datasheet
299Kb / 11P
[Old version datasheet]   1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16831 TI-SN74ALVCH16831 Datasheet
131Kb / 9P
[Old version datasheet]   1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16831 HITACHI-HD74ALVCH16831 Datasheet
60Kb / 12P
   1-to 4 Address Register / Driver with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com