Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67041-A4692-A001 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # Q67041-A4692-A001
Description  IGBT Chip in NPT-technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67041-A4692-A001 Datasheet(HTML) 1 Page - Infineon Technologies AG

  Q67041-A4692-A001 Datasheet HTML 1Page - Infineon Technologies AG Q67041-A4692-A001 Datasheet HTML 2Page - Infineon Technologies AG Q67041-A4692-A001 Datasheet HTML 3Page - Infineon Technologies AG Q67041-A4692-A001 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIGC42T60NC
Edited by INFINEON Technologies AI PS DD HV3, L 7272-M, Edition 2, 28.11.2003
IGBT Chip in NPT-technology
This chip is used for:
IGBT-Modules
FEATURES:
600V NPT technology
100µm chip
positive temperature coefficient
easy paralleling
Applications:
drives
G
C
E
Chip Type
VCE
ICn
Die Size
Package
Ordering Code
SIGC42T60NC
600V
50A
6.5 x 6.5 mm
2
sawn on foil
Q67041-A4692-
A001
MECHANICAL PARAMETER:
Raster size
6.5 x 6.5
Area total / active
42.25 / 35.6
Emitter pad size
2x( 3.0x2.85 )
Gate pad size
0.8 x 1.5
mm
2
Thickness
100
µm
Wafer size
150
mm
Flat position
90
deg
Max.possible chips per wafer
334
Passivation frontside
Photoimide
Emitter metallization
3200 nm Al Si 1%
Collector metallization
1400 nm Ni Ag –system
suitable for epoxy and soft solder die bonding
Die bond
electrically conductive glue or solder
Wire bond
Al,
≤500µm
Reject Ink Dot Size
∅ 0.65mm ; max 1.2mm
Recommended Storage Environment
store in original container, in dry nitrogen,
< 6 month at an ambient temperature of 23°C


Similar Part No. - Q67041-A4692-A001

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67041-A4694-A001 INFINEON-Q67041-A4694-A001 Datasheet
69Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 28.11.2003
Q67041-A4695-A001 INFINEON-Q67041-A4695-A001 Datasheet
70Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 04.09.2003
Q67041-A4696-A001 INFINEON-Q67041-A4696-A001 Datasheet
71Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 04.09.2003
Q67041-A4697-A001 INFINEON-Q67041-A4697-A001 Datasheet
71Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 04.09.2003
More results

Similar Description - Q67041-A4692-A001

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIGC121T60NR2C INFINEON-SIGC121T60NR2C Datasheet
67Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 28.11.2003
SIGC42T170R2C INFINEON-SIGC42T170R2C Datasheet
71Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 04.09.2003
SIGC81T120R2CS INFINEON-SIGC81T120R2CS Datasheet
70Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 03.09.2003
SIGC144T170R2C INFINEON-SIGC144T170R2C Datasheet
71Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 04.09.2003
SIGC223T120R2CS INFINEON-SIGC223T120R2CS Datasheet
69Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 03.09.2003
SIGC42T120CS2 INFINEON-SIGC42T120CS2 Datasheet
67Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 03.09.2003
SIGC16T120CS INFINEON-SIGC16T120CS Datasheet
71Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 03.09.2003
SIGC14T60NC INFINEON-SIGC14T60NC Datasheet
70Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 28.11.2003
SIGC16T120CL INFINEON-SIGC16T120CL Datasheet
66Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 03.09.2003
SIGC156T60NR2C INFINEON-SIGC156T60NR2C Datasheet
70Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 28.11.2003
SIGC06T120CS INFINEON-SIGC06T120CS Datasheet
69Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 03.09.2003
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com