Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV16501DL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # AV16501DL
Description  2.5V/3.3V 18-bit universal bus transceiver 3-State
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AV16501DL Datasheet(HTML) 2 Page - NXP Semiconductors

  AV16501DL Datasheet HTML 1Page - NXP Semiconductors AV16501DL Datasheet HTML 2Page - NXP Semiconductors AV16501DL Datasheet HTML 3Page - NXP Semiconductors AV16501DL Datasheet HTML 4Page - NXP Semiconductors AV16501DL Datasheet HTML 5Page - NXP Semiconductors AV16501DL Datasheet HTML 6Page - NXP Semiconductors AV16501DL Datasheet HTML 7Page - NXP Semiconductors AV16501DL Datasheet HTML 8Page - NXP Semiconductors AV16501DL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Philips Semiconductors
Product specification
74ALVT16501
2.5V/3.3V 18-bit universal bus transceiver (3-State)
2
1998 Feb 13
853-1884 18958
FEATURES
18-bit bidirectional bus interface
5V I/O Compatible
3-State buffers
Output capability: +64mA/-32mA
TTL and LVTTL input and output switching levels
Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
Live insertion/extraction permitted
Power-up reset
Power-up 3-State
No bus current loading when output is tied to 5V bus
Positive edge triggered clock inputs
Latch-up protection exceeds 500mA per JEDEC Std 17
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 400V per Machine Model
DESCRIPTION
The 74ALVT16501 is a high-performance BiCMOS product
designed for VCC operation at 2.5V and 3.3V with I/O compatibility
up to 5V.
This device is an 18-bit universal transceiver featuring non-inverting
3-State bus compatible outputs in both send and receive directions.
Data flow in each direction is controlled by output enable (OEAB and
OEBA), latch enable (LEAB and LEBA), and clock (CPAB and
CPBA) inputs. For A-to-B data flow, the device operates in the
transparent mode when LEAB is High. When LEAB is Low, the A
data is latched if CPAB is held at a High or Low logic level. If LEAB
is Low, the A-bus data is stored in the latch/flip-flop on the
Low-to-High transition of CPAB. When OEAB is High, the outputs
are active. When OEAB is Low, the outputs are in the
high-impedance state.
Data flow for B-to-A is similar to that of A-to-B but uses OEBA,
LEBA and CPBA. The output enables are complimentary (OEAB is
active High, and OEBA is active Low).
Active bus-hold circuitry is provided to hold unused or floating data
inputs at a valid logic level.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
SYMBOL
PARAMETER
Tamb = 25°C
2.5V
3.3V
UNIT
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
CL = 50pF
1.9
2.5
1.4
1.8
ns
CIN
Input capacitance (Control pins)
VI = 0V or VCC
4
4
pF
CI/O
I/O pin capacitance
VI/O = 0V or VCC
8
8
pF
ICCZ
Total supply current
Outputs disabled
40
60
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
56-Pin Plastic SSOP Type III
–40
°C to +85°C
74ALVT16501 DL
AV16501 DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ALVT16501 DGG
AV16501 DGG
SOT364-1
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1
OEAB
A-to-B Output enable input
27
OEBA
B-to-A Output enable input (active low)
2, 28
LEAB/LEBA
A-to-B/B-to-A Latch enable input
55,30
CPAB/CPBA
A-to-B/B-to-A Clock input (active rising edge)
3, 5, 6, 8, 9, 10, 12, 13, 14, 15,
16, 17, 19, 20, 21, 23, 24, 26
A0-A17
Data inputs/outputs (A side)
54, 52, 51, 49, 48, 47, 45, 44, 43,
42, 41, 40, 38, 37, 36, 34, 33, 31
B0-B17
Data inputs/outputs (B side)
4, 11, 18, 25, 32, 39, 46, 53, 29, 56
GND
Ground (0V)
7, 22, 35, 50
VCC
Positive supply voltage


Similar Part No. - AV16501DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AV16541DGG PHILIPS-AV16541DGG Datasheet
81Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Feb 13
AV16541DL PHILIPS-AV16541DL Datasheet
81Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Feb 13
AV16543DGG PHILIPS-AV16543DGG Datasheet
100Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
AV16543DL PHILIPS-AV16543DL Datasheet
100Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
More results

Similar Description - AV16501DL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16600 PHILIPS-74ALVT16600 Datasheet
97Kb / 14P
   2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
74LVT16500A PHILIPS-74LVT16500A Datasheet
81Kb / 14P
   3.3V 18-bit universal bus transceiver 3-State
1998 Feb 19
74LVT16501A PHILIPS-74LVT16501A Datasheet
88Kb / 14P
   3.3V LVT 18-bit universal bus transceiver 3-State
1998 Feb 19
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com