Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV16541DGG Datasheet(PDF) 3 Page - NXP Semiconductors

Part # AV16541DGG
Description  2.5V/3.3V 16-bit buffer/driver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AV16541DGG Datasheet(HTML) 3 Page - NXP Semiconductors

  AV16541DGG Datasheet HTML 1Page - NXP Semiconductors AV16541DGG Datasheet HTML 2Page - NXP Semiconductors AV16541DGG Datasheet HTML 3Page - NXP Semiconductors AV16541DGG Datasheet HTML 4Page - NXP Semiconductors AV16541DGG Datasheet HTML 5Page - NXP Semiconductors AV16541DGG Datasheet HTML 6Page - NXP Semiconductors AV16541DGG Datasheet HTML 7Page - NXP Semiconductors AV16541DGG Datasheet HTML 8Page - NXP Semiconductors AV16541DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74ALVT16541
2.5V/3.3V 16-bit buffer/driver (3-State)
1998 Feb 13
3
LOGIC SYMBOL (IEEE/IEC)
2
&
EN1
1
48
47
46
44
43
41
40
38
37
2
&
EN2
24
25
36
35
33
32
30
29
27
26
2
3
5
6
8
9
11
12
13
14
16
17
19
20
22
23
SW00149
PIN CONFIGURATION
GND
GND
VCC
VCC
GND
GND
1OE0
1A0
1A1
1A2
1A3
1A4
1A5
1A6
1A7
2A0
2A1
2A2
2A3
2A4
2A5
2A6
2A7
2OE0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
21
22
23
24
41
42
43
44
45
46
47
48
1OE1
1Y0
1Y1
GND
1Y2
1Y3
VCC
1Y4
1Y5
GND
1Y6
1Y7
2Y0
2Y1
GND
2Y2
2Y3
VCC
2Y4
2Y5
GND
2Y6
2Y7
2OE1
SW00150
FUNCTION TABLE
INPUTS
OUTPUTS
nOE0
nOE1
nAx
nYx
L
L
L
L
L
L
H
H
X
H
X
Z
H
X
X
Z
H = High voltage level
L = Low voltage level
X = Don’t care
Z = High Impedance “off ” state


Similar Part No. - AV16541DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AV16543DGG PHILIPS-AV16543DGG Datasheet
100Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
AV16543DL PHILIPS-AV16543DL Datasheet
100Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
More results

Similar Description - AV16541DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16244 PHILIPS-74ALVT16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Oct 07
74ALVT16244 PHILIPS-74ALVT16244_15 Datasheet
89Kb / 10P
   2.5V/3.3V 16-bit buffer/driver (3-State)
1998 Oct 07
74ALVC16244 PHILIPS-74ALVC16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
74ALVT16241 PHILIPS-74ALVT16241 Datasheet
84Kb / 10P
   2.5V/3.3V ALVT 16-bit buffer/driver 3-State
1998 Feb 13
74ALVT162244 PHILIPS-74ALVT162244 Datasheet
86Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Oct 07
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74LVT16541A PHILIPS-74LVT16541A Datasheet
45Kb / 5P
   3.3V ABT 16-bit buffer/driver 3-State
July 1994
74LVT16244B PHILIPS-74LVT16244B Datasheet
80Kb / 10P
   3.3V LVT 16-bit buffer/driver 3-State
1998 Oct 07
logo
Pericom Semiconductor C...
PI74AVC16244 PERICOM-PI74AVC16244 Datasheet
526Kb / 10P
   2.5V 16-Bit Buffer Driver with 3-State Outputs
PI74AVC16244 PERICOM-PI74AVC16244_06 Datasheet
430Kb / 11P
   2.5V 16-Bit Buffer Driver with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com