Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKB06N60HS Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SKB06N60HS
Description  High Speed IGBT in NPT-technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SKB06N60HS Datasheet(HTML) 5 Page - Infineon Technologies AG

  SKB06N60HS Datasheet HTML 1Page - Infineon Technologies AG SKB06N60HS Datasheet HTML 2Page - Infineon Technologies AG SKB06N60HS Datasheet HTML 3Page - Infineon Technologies AG SKB06N60HS Datasheet HTML 4Page - Infineon Technologies AG SKB06N60HS Datasheet HTML 5Page - Infineon Technologies AG SKB06N60HS Datasheet HTML 6Page - Infineon Technologies AG SKB06N60HS Datasheet HTML 7Page - Infineon Technologies AG SKB06N60HS Datasheet HTML 8Page - Infineon Technologies AG SKB06N60HS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SKB06N60HS
Power Semiconductors
5
Rev. 2.2
June 06
10Hz
100Hz
1kHz
10kHz
100kHz
0A
10A
20A
T
C=110°C
T
C=80°C
1V
10V
100V
1000V
0,1A
1A
10A
8µs
t
P=4µs
15µs
200µs
1ms
50µs
DC
f, SWITCHING FREQUENCY
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 1. Collector current as a function of
switching frequency
(Tj ≤ 150°C, D = 0.5, VCE = 400V,
VGE = 0/+15V, RG = 50Ω)
Figure 2. Safe operating area
(D = 0, TC = 25°C,
Tj ≤150°C;VGE=15V)
25°C
50°C
75°C
100°C
125°C
0W
20W
40W
60W
25°C
75°C
125°C
0A
5A
10A
TC, CASE TEMPERATURE
TC, CASE TEMPERATURE
Figure 3. Power dissipation as a function of
case temperature
(Tj ≤ 150°C)
Figure 4. Collector current as a function of
case temperature
(VGE ≤ 15V, Tj ≤ 150°C)
Ic
Ic


Similar Part No. - SKB06N60HS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKB06N60HS INFINEON-SKB06N60HS Datasheet
1Mb / 14P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.3 Oct.07
SKB06N60HS INFINEON-SKB06N60HS_07 Datasheet
1Mb / 14P
   High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev. 2.3 Oct.07
More results

Similar Description - SKB06N60HS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SGP20N60HS INFINEON-SGP20N60HS Datasheet
426Kb / 11P
   High Speed IGBT in NPT-technology
Rev.2 Aug-02
SGW50N60HS INFINEON-SGW50N60HS Datasheet
331Kb / 11P
   High Speed IGBT in NPT-technology
Rev. 2.1 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SIGC25T60UN INFINEON-SIGC25T60UN Datasheet
76Kb / 4P
   HIGHT SPEED IGBT CHIP IN NPT-TECHNOLOGY
Edition2, 28.11.2003
SIGC15T60UN INFINEON-SIGC15T60UN Datasheet
68Kb / 4P
   High Speed IGBT Chip in NPT-technology positive temperature coefficient
28.11.2003
SIGC07T60UN INFINEON-SIGC07T60UN Datasheet
70Kb / 4P
   High Speed IGBT Chip in NPT-technology positive temperature coefficient
28.11.2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com