Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4252D Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4252D
Description  Tracking Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4252D Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4252D Datasheet HTML 3Page - Infineon Technologies AG TLE4252D Datasheet HTML 4Page - Infineon Technologies AG TLE4252D Datasheet HTML 5Page - Infineon Technologies AG TLE4252D Datasheet HTML 6Page - Infineon Technologies AG TLE4252D Datasheet HTML 7Page - Infineon Technologies AG TLE4252D Datasheet HTML 8Page - Infineon Technologies AG TLE4252D Datasheet HTML 9Page - Infineon Technologies AG TLE4252D Datasheet HTML 10Page - Infineon Technologies AG TLE4252D Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Data Sheet
8
Rev. 1.2, 2004-08-11
TLE 4252
Application Information
Figure 3
Application Circuit: Output Voltage < Reference Voltage
Figure 3 shows a typical application circuit with
V
Q < VREF. Of course, also VQ = VREF is
feasible by directly connecting the reference pin of the TLE 4252 D to the appropriate
voltage level without voltage divider.
The output voltage calculates to:
(1)
AEA03535.VSD
Main µC Supply
e.g.
TLE 4271-2
TLE 4278
TLE 4470
etc.
GND
V
BAT
I
Q
R
1ADJ
R
2ADJ
µC
e.g. C167
V
DD
TLE 4252 D
GND
EN
Q
ADJ
I
V
Q < VREF
4
1
5
I/O
VQ
VREF
R2ADJ
R1ADJ R2ADJ
+
------------------------------------


×
=


Similar Part No. - TLE4252D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4252D INFINEON-TLE4252D Datasheet
607Kb / 13P
   Tracking Regulator
Rev. 1.4, 2007-03-20
More results

Similar Description - TLE4252D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4252 INFINEON-TLE4252_07 Datasheet
607Kb / 13P
   Tracking Regulator
Rev. 1.4, 2007-03-20
logo
List of Unclassifed Man...
SG4501A ETC1-SG4501A Datasheet
378Kb / 6P
   DUAL VOLTAGE TRACKING REGULATOR
logo
Infineon Technologies A...
TLE4253 INFINEON-TLE4253 Datasheet
426Kb / 22P
   Low Dropout Voltage Tracking Regulator
Rev. 1.2, November 2009
TLE4250-2 INFINEON-TLE4250-2 Datasheet
314Kb / 17P
   Low Dropout Voltage Tracking Regulator
Rev. 1.0, July 2007
IFX21401 INFINEON-IFX21401 Datasheet
1Mb / 17P
   Low Dropout Voltage Tracking Regulator
Rev. 1.01, 2009-10-19
logo
Exar Corporation
XR-4195 EXAR-XR-4195 Datasheet
515Kb / 3P
   /- 15V DUAL - TRACKING VOLTAGE REGULATOR
XR-1468 EXAR-XR-1468 Datasheet
96Kb / 2P
   Dual Polarity Tracking Voltage Regulator
logo
ON Semiconductor
NCV4250-2C ONSEMI-NCV4250-2C Datasheet
101Kb / 10P
   Low Dropout Voltage Tracking Regulator
October, 2017 ??Rev. 0
NCV4254C ONSEMI-NCV4254C Datasheet
192Kb / 14P
   Low Dropout Voltage Tracking Regulator
November, 2018 ??Rev. 0
logo
Mitsubishi Electric Sem...
M5290P MITSUBISHI-M5290P Datasheet
147Kb / 5P
   -5V TRACKING REGULATOR WITH RESET CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com