Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4296GV33 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4296GV33
Description  Low Drop Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4296GV33 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4296GV33 Datasheet HTML 1Page - Infineon Technologies AG TLE4296GV33 Datasheet HTML 2Page - Infineon Technologies AG TLE4296GV33 Datasheet HTML 3Page - Infineon Technologies AG TLE4296GV33 Datasheet HTML 4Page - Infineon Technologies AG TLE4296GV33 Datasheet HTML 5Page - Infineon Technologies AG TLE4296GV33 Datasheet HTML 6Page - Infineon Technologies AG TLE4296GV33 Datasheet HTML 7Page - Infineon Technologies AG TLE4296GV33 Datasheet HTML 8Page - Infineon Technologies AG TLE4296GV33 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Data Sheet
4
Rev. 1.0, 2004-01-01
TLE 4296
Note: Maximum ratings are absolute ratings; exceeding any one of these values may
cause irreversible damage to the integrated circuit.
Table 2
Absolute Maximum Ratings
-40
°C < T
j < 150 °C
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Input
Voltage
V
I
-42
45
V
Current
I
I
––
mA
internally limited
Output
Voltage
V
Q
-6
30
V
Current
I
Q
––
mA
internally limited
Inhibit
Voltage
V
INH
-42
45
V
Current
I
INH
-500
*
µA
* internally limited
Current
I
INH
-5
5
mA
-0.3 V <
V
I < 45 V;
t
p < 1 ms
Temperatures
Junction temperature
T
j
-40
150
°C
Storage temperature
T
stg
-50
150
°C
Thermal Resistances
Junction pin
R
thj-pin
30
K/W
measured to pin 5
Junction ambient
1)
R
thja
179
K/W
zero airflow
zero heat sink area
1) Worst case regarding peak temperature.


Similar Part No. - TLE4296GV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4296GV33 INFINEON-TLE4296GV33 Datasheet
226Kb / 12P
   Low Drop Voltage Regulator Three versions: 3.0 V, 3.3 V, 5.0 V
Rev. 1.1, 2008-04-21
TLE4296GV33 INFINEON-TLE4296GV33 Datasheet
491Kb / 13P
   Low drop voltage regulator
Rev. 1.21 2023-05-10
More results

Similar Description - TLE4296GV33

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
L4979DTR-E STMICROELECTRONICS-L4979DTR-E Datasheet
475Kb / 22P
   Low drop voltage regulator
September 2013 Rev 9
logo
Infineon Technologies A...
TLE4274-2DV50 INFINEON-TLE4274-2DV50 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_11 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
logo
Siemens Semiconductor G...
TLE4276 SIEMENS-TLE4276 Datasheet
158Kb / 16P
   Low-Drop Voltage Regulator
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D Datasheet
268Kb / 10P
   LOW DROP VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276 Datasheet
209Kb / 19P
   Low-Drop Voltage Regulator
Version 2.2 2000-10-11
TLE4266-2 INFINEON-TLE4266-2 Datasheet
209Kb / 11P
   Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
TLE4274 INFINEON-TLE4274_11 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_14 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.13, 2014-03-18
logo
STMicroelectronics
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
   LOW-DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com